Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F505-I/MS Datasheet(PDF) 75 Page - Microchip Technology

Part # PIC16F505-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-I/MS Datasheet(HTML) 75 Page - Microchip Technology

Back Button PIC16F505-I/MS Datasheet HTML 71Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 72Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 73Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 74Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 75Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 76Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 77Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 78Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 110 page
background image
© 2009 Microchip Technology Inc.
DS41236E-page 75
PIC12F508/509/16F505
10.3
Timing Parameter Symbology and Load Conditions – PIC12F508/509/16F505
The timing parameter symbols have been created following one of the following formats:
FIGURE 10-3:
LOAD CONDITIONS – PIC12F508/509/16F505
FIGURE 10-4:
EXTERNAL CLOCK TIMING – PIC12F508/509/16F505
1. TppS2ppS
2. TppS
T
F
Frequency
T Time
Lowercase subscripts (pp) and their meanings:
pp
2to
mc
MCLR
ck
CLKOUT
osc
Oscillator
cy
Cycle time
os
OSC1
drt
Device Reset Timer
t0
T0CKI
io
I/O port
wdt
Watchdog Timer
Uppercase letters and their meanings:
S
FFall
P
Period
HHigh
R
Rise
I
Invalid (high-impedance)
V
Valid
L
Low
Z
High-impedance
CL
VSS
pin
Legend:
CL = 50 pF for all pins except OSC2
15 pF for OSC2 in XT, HS or LP
modes when external clock
is used to drive OSC1
OSC1
Q4
Q1
Q2
Q3
Q4
Q1
13
3
44
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com