Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F505-I/MS Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC16F505-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-I/MS Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC16F505-I/MS Datasheet HTML 42Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 43Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 44Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 45Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 46Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 47Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 48Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 49Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 110 page
background image
PIC12F508/509/16F505
DS41236E-page 46
© 2009 Microchip Technology Inc.
Although the oscillator will operate with no external
capacitor (CEXT = 0 pF), we recommend using values
above 20 pF for noise and stability reasons. With no or
small external capacitance, the oscillation frequency
can vary dramatically due to changes in external
capacitances, such as PCB trace capacitance or
package lead frame capacitance.
Section 10.0 “Electrical Characteristics” shows RC
frequency variation from part-to-part due to normal
process variation. The variation is larger for larger val-
ues of R (since leakage current variation will affect RC
frequency more for large R) and for smaller values of C
(since variation of input capacitance will affect RC
frequency more).
Also, see the Electrical Specifications section for
variation of oscillator frequency due to VDD for given
REXT/CEXT values, as well as frequency variation due
to operating temperature for given R, C and VDD
values.
FIGURE 7-5:
EXTERNAL RC
OSCILLATOR MODE
7.2.5
INTERNAL 4 MHz RC OSCILLATOR
The internal RC oscillator provides a fixed 4 MHz
(nominal) system clock at VDD = 5V and 25°C, (see
Section 10.0
“Electrical
Characteristics”
for
information on variation over voltage and temperature).
In addition, a calibration instruction is programmed into
the last address of memory, which contains the
calibration value for the internal RC oscillator. This
location is always uncode protected, regardless of the
code-protect settings. This value is programmed as a
MOVLW XX
instruction where XX is the calibration value,
and is placed at the Reset vector. This will load the W
register with the calibration value upon Reset and the
PC will then roll over to the users program at address
0x000. The user then has the option of writing the value
to the OSCCAL Register (05h) or ignoring it.
OSCCAL, when written to with the calibration value, will
“trim” the internal oscillator to remove process variation
from the oscillator frequency.
For the PIC12F508/509/16F505 devices, only bits
<7:1> of OSCCAL are implemented. Bits CAL6-CAL0
are used for calibration. Adjusting CAL6-CAL0 from
‘0000000’ to ‘1111111’ changes the clock speed. See
Register 4-5 for more information.
VDD
REXT
CEXT
VSS
OSC1
Internal
clock
PIC16F505
N
FOSC/4
OSC2/CLKOUT
PIC12F508
PIC12F509
Note:
Erasing the device will also erase the pre-
programmed internal calibration value for
the internal oscillator. The calibration
value must be read prior to erasing the
part so it can be reprogrammed correctly
later.
Note:
The 0 bit of OSCCAL is unimplemented
and should be written as ‘0’ when
modifying OSCCAL for compatibility with
future devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com