Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F505-I/MS Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC16F505-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-I/MS Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC16F505-I/MS Datasheet HTML 50Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 51Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 52Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 53Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 54Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 55Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 56Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 57Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 110 page
background image
PIC12F508/509/16F505
DS41236E-page 54
© 2009 Microchip Technology Inc.
7.7
Time-out Sequence, Power-down
and Wake-up from Sleep Status
Bits (TO, PD, GPWUF/RBWUF)
The TO, PD and (GPWUF/RBWUF) bits in the
STATUS register can be tested to determine if a Reset
condition has been caused by a Power-up condition, a
MCLR or Watchdog Timer (WDT) Reset.
TABLE 7-8:
TO/PD/(GPWUF/RBWUF)
STATUS AFTER RESET
7.8
Reset on Brown-out
A brown-out is a condition where device power (VDD)
dips below its minimum value, but not to zero, and then
recovers. The device should be reset in the event of a
brown-out.
To reset PIC12F508/509/16F505 devices when a
brown-out
occurs,
external
brown-out
protection
circuits may be built, as shown in Figure 7-12 and
Figure 7-13.
FIGURE 7-12:
BROWN-OUT
PROTECTION CIRCUIT 1
FIGURE 7-13:
BROWN-OUT
PROTECTION CIRCUIT 2
FIGURE 7-14:
BROWN-OUT
PROTECTION CIRCUIT 3
GPWUF/
RBWUF
TO
PD
Reset Caused By
00
0
WDT wake-up from Sleep
00
u
WDT time-out (not from
Sleep)
01
0
MCLR wake-up from Sleep
01
1
Power-up
0u
u
MCLR not during Sleep
11
0
Wake-up from Sleep on pin
change
Legend: u = unchanged
Note 1:
The TO, PD and GPWUF/RBWUF bits
maintain their status (u) until a Reset
occurs. A low-pulse on the MCLR input
does not change the TO, PD and
GPWUF/RBWUF Status bits.
Note
1:
This circuit will activate Reset when VDD goes
below Vz + 0.7V (where Vz = Zener voltage).
2:
Pin must be confirmed as MCLR.
33k
10k
40k(1)
VDD
MCLR(2)
PIC16F505
VDD
Q1
PIC12F508
PIC12F509
Note
1:
This brown-out circuit is less expensive,
although less accurate. Transistor Q1 turns
off when VDD is below a certain level such
that:
2:
Pin must be confirmed as MCLR.
VDD •
R1
R1 + R2
= 0.7V
R2
40k(1)
VDD
MCLR(2)
PIC16F505
R1
Q1
VDD
PIC12F508
PIC12F509
Note:
This brown-out protection circuit employs
Microchip Technology’s MCP809 micro-
controller supervisor. There are 7 different
trip point selections to accommodate 5V to
3V systems.
MCLR
PIC16F505
VDD
VDD
VSS
RST
MCP809
VDD
Bypass
Capacitor
PIC12F508
PIC12F509



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com