Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/P Datasheet(PDF) 150 Page - Microchip Technology

Part # PIC18F23K22-I/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/P Datasheet(HTML) 150 Page - Microchip Technology

Back Button PIC18F23K22-I/P Datasheet HTML 146Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 147Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 148Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 149Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 150Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 151Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 152Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 153Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 150
Preliminary
 2010 Microchip Technology Inc.
TABLE 10-14: PORTE I/O SUMMARY
Pin
Function
TRIS
Setting
ANSEL
Setting
Pin
Type
Buffer
Type
Description
RE0/P3A/CCP3/AN5
RE0
01
O
DIG
LATE<0> data output; not affected by analog input.
10
I
ST
PORTE<0> data input; disabled when analog input
enabled.
P3A(1)
01
O
DIG
Enhanced CCP3 PWM output.
CCP3(1)
01
ODIG
Compare 3 output/PWM 3 output.
10
IST
Capture 3 input.
AN5
11
I
AN
Analog input 5.
RE1/P3B/AN6
RE1
01
O
DIG
LATE<1> data output; not affected by analog input.
10
I
ST
PORTE<1> data input; disabled when analog input
enabled.
P3B
0x
O
DIG
Enhanced CCP3 PWM output.
AN6
11
I
AN
Analog input 6.
RE2/CCP5/AN7
RE2
01
O
DIG
LATE<2> data output; not affected by analog input.
10
I
ST
PORTE<2> data input; disabled when analog input
enabled.
CCP5
01
O
DIG
Compare 5 output/PWM 5 output.
10
I
ST
Capture 5 input.
AN7
11
I
AN
Analog input 7.
RE3/VPP/MCLR
RE3
—
—
I
ST
PORTE<3> data input; enabled when Configuration bit
MCLRE = 0.
VPP
—
—
P
AN
Programming voltage input; always available
MCLR
——
I
ST
Active-low Master Clear (device Reset) input; enabled
when configuration bit MCLRE = 1.
Legend:
AN = Analog input or output; TTL = TTL compatible input; HV = High Voltage; OD = Open Drain; XTAL = Crystal; CMOS
= CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels; I2CTM = Schmitt Trigger input with I2C.
Note 1:
Alternate pin assignment for P3A/CCP3 when Configuration bit CCP3MX is clear..
TABLE 10-15: REGISTERS ASSOCIATED WITH PORTE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
ANSELE(1)
—
—
—
—
—
ANSE2
ANSE1
ANSE0
154
INTCON2
RBPU
INTEDG0 INTEDG1 INTEDG2
—
TMR0IP
—
RBIP
116
LATE(1)
—
—
—
—
—
LATE2
LATE1
LATE0
155
PORTE
—
—
—
—RE3
RE2(1)
RE1(1)
RE0(1)
152
SLRCON
—
—
—SLRE(1)
SLRD(1)
SLRC
SLRB
SLRA
156
TRISE
WPUE3
—
—
—
—
TRISE2(1) TRISE1(1) TRISE0(1)
154
Legend: — = unimplemented locations, read as ‘0’. Shaded bits are not used for PORTE.
Note 1:
Available on PIC18(L)F4XK22 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com