Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/P Datasheet(PDF) 152 Page - Microchip Technology

Part # PIC18F23K22-I/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/P Datasheet(HTML) 152 Page - Microchip Technology

Back Button PIC18F23K22-I/P Datasheet HTML 148Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 149Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 150Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 151Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 152Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 153Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 154Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 155Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 152
Preliminary
 2010 Microchip Technology Inc.
REGISTER 10-2:
PORTE: PORTE REGISTER
U-0
U-0
U-0
U-0
R/W-u/x
R/W-u/x
R/W-u/x
R/W-u/x
—
—
—
—RE3(1)
RE2(2), (3)
RE1(2), (3)
RE0(2), (3)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
bit 7-4
Unimplemented: Read as ‘0’
bit 3
RE3: PORTE Input bit value(1)
bit 2-0
RE<2:0>: PORTE I/O bit values(2), (3)
Note 1:
Port is available as input only when MCLRE = 0.
2:
Writes to PORTx are written to corresponding LATx register. Reads from PORTx register is return of I/O
pin values.
3:
Available on PIC18(L)F4XK22 devices.
REGISTER 10-3:
ANSELA – PORTA ANALOG SELECT REGISTER
U-0
U-0
R/W-1
U-0
R/W-1
R/W-1
R/W-1
R/W-1
—
—
ANSA5
—
ANSA3
ANSA2
ANSA1
ANSA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5
ANSA5: RA5 Analog Select bit
1 = Digital input buffer disabled
0 = Digital input buffer enabled
bit 4
Unimplemented: Read as ‘0’
bit 3-0
ANSA<3:0>: RA<3:0> Analog Select bit
1 = Digital input buffer disabled
0 = Digital input buffer enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com