Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12CE519-04/ESM Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC12CE519-04/ESM
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE519-04/ESM Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC12CE519-04/ESM Datasheet HTML 42Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 43Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 44Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 45Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 46Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 47Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 48Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 49Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 113 page
background image
PIC12C5XX
DS40139E-page 46
© 1999 Microchip Technology Inc.
8.12
In-Circuit Serial Programming
The PIC12C5XX microcontrollers with EPROM pro-
gram memory can be serially programmed while in the
end application circuit. This is simply done with two
lines for clock and data, and three other lines for power,
ground, and the programming voltage. This allows cus-
tomers to manufacture boards with unprogrammed
devices, and then program the microcontroller just
before shipping the product. This also allows the most
recent firmware or a custom firmware to be pro-
grammed.
The device is placed into a program/verify mode by
holding the GP1 and GP0 pins low while raising the
MCLR (VPP) pin from VIL to VIHH (see programming
specification). GP1 becomes the programming clock
and GP0 becomes the programming data. Both GP1
and GP0 are Schmitt Trigger inputs in this mode.
After reset, a 6-bit command is then supplied to the
device. Depending on the command, 14-bits of pro-
gram data are then supplied to or from the device,
depending if the command was a load or a read. For
complete details of serial programming, please refer to
the PIC12C5XX Programming Specifications.
A typical in-circuit serial programming connection is
shown in Figure 8-16.
FIGURE 8-16: TYPICAL IN-CIRCUIT SERIAL
PROGRAMMING
CONNECTION
External
Connector
Signals
To Normal
Connections
To Normal
Connections
PIC12C5XX
VDD
VSS
MCLR/VPP
GP1
GP0
+5V
0V
VPP
CLK
Data I/O
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com