Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12CE519-04/ESM Datasheet(PDF) 81 Page - Microchip Technology

Part # PIC12CE519-04/ESM
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE519-04/ESM Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC12CE519-04/ESM Datasheet HTML 77Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 78Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 79Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 80Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 81Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 82Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 83Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 84Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 81
PIC12C5XX
13.2
DC CHARACTERISTICS:
PIC12LC508A/509A (Commercial, Industrial)
PIC12LCE518/519 (Commercial, Industrial)
PIC12LCR509A (Commercial, Industrial)
DC Characteristics
Power Supply Pins
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0
°C ≤ TA ≤ +70°C (commercial)
–40
°C ≤ TA ≤ +85°C (industrial)
Parm
No.
Characteristic
Sym
Min Typ(1) Max Units
Conditions
D001
Supply Voltage
VDD
2.5
5.5
V
FOSC = DC to 4 MHz (Commercial/
Industrial)
D002
RAM Data Retention
Voltage(2)
VDR
1.5*
V
Device in SLEEP mode
D003
VDD Start Voltage to ensure
Power-on Reset
VPOR
VSS
V
See section on Power-on Reset for details
D004
VDD Rise Rate to ensure
Power-on Reset
SVDD 0.05*
V/ms
See section on Power-on Reset for details
D010
D010C
D010A
Supply Current(3)
IDD
—
—
—
—
0.4
0.4
15
15
0.8
0.8
23
31
mA
mA
µA
µA
XT and EXTRC options (Note 4)
FOSC = 4 MHz, VDD = 2.5V
INTRC Option
FOSC = 4 MHz, VDD = 2.5V
LP OPTION, Commercial Temperature
FOSC = 32 kHz, VDD = 2.5V, WDT disabled
LP OPTION, Industrial Temperature
FOSC = 32 kHz, VDD = 2.5V, WDT disabled
D020
D021
D021B
Power-Down Current (5)
IPD
—
—
0.2
0.2
3
4
µA
µA
VDD = 2.5V, Commercial
VDD = 2.5V, Industrial
∆IWDT
—2.0
2.0
4
5
mA
mA
VDD = 2.5V, Commercial
VDD = 2.5V, Industrial
* These parameters are characterized but not tested.
Note 1: Data in the Typical (“Typ”) column is based on characterization results at 25
°C. This data is for design
guidance only and is not tested.
2: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
3: The supply current is mainly a function of the operating voltage and frequency. Other factors such as
bus loading, oscillator type, bus rate, internal code execution pattern, and temperature also have an
impact on the current consumption.
a) The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tristated, pulled to
Vss, T0CKI = VDD, MCLR = VDD; WDT enabled/disabled as specified.
b) For standby current measurements, the conditions are the same, except that
the device is in SLEEP mode.
4: Does not include current through Rext. The current through the resistor can be estimated by the
formula: IR = VDD/2Rext (mA) with Rext in kOhm.
5: The power down current in SLEEP mode does not depend on the oscillator type. Power down current
is measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD or
VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com