Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12CE519-04/ESM Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC12CE519-04/ESM
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE519-04/ESM Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC12CE519-04/ESM Datasheet HTML 64Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 65Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 66Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 67Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 68Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 69Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 70Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 71Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 113 page
background image
PIC12C5XX
DS40139E-page 68
© 1999 Microchip Technology Inc.
TABLE 11-1:
PULL-UP RESISTOR RANGES - PIC12C508/C509
VDD (Volts)
Temperature (
°C)
Min
Typ
Max
Units
GP0/GP1
2.5
–40
38K
42K
63K
Ω
25
42K
48K
63K
Ω
85
42K
49K
63K
Ω
125
50K
55K
63K
Ω
5.5
–40
15K
17K
20K
Ω
25
18K
20K
23K
Ω
85
19K
22K
25K
Ω
125
22K
24K
28K
Ω
GP3
2.5
–40
285K
346K
417K
Ω
25
343K
414K
532K
Ω
85
368K
457K
532K
Ω
125
431K
504K
593K
Ω
5.5
–40
247K
292K
360K
Ω
25
288K
341K
437K
Ω
85
306K
371K
448K
Ω
125
351K
407K
500K
Ω
*
These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com