Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12CE519-04/ESM Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC12CE519-04/ESM
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE519-04/ESM Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC12CE519-04/ESM Datasheet HTML 67Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 68Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 69Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 70Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 71Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 72Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 73Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 74Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 71
PIC12C5XX
TABLE 11-3:
CALIBRATED INTERNAL RC FREQUENCIES - PIC12C508/C509
FIGURE 11-3:
I/O TIMING - PIC12C508/C509
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0
°C ≤ TA ≤ +70°C (commercial),
–40
°C ≤ TA ≤ +85°C (industrial),
–40
°C ≤ TA ≤ +125°C (extended)
Operating Voltage VDD range is described in Section 10.1
Parameter
No.
Sym
Characteristic
Min*
Typ(1)
Max*
Units
Conditions
Internal Calibrated RC
Frequency
3.58
4.00
4.32
MHz
VDD = 5.0V
Internal Calibrated RC
Frequency
3.50
—4.26
MHz
VDD = 2.5V
*
These parameters are characterized but not tested.
Note 1: Data in the Typical (“Typ”) column is at 5V, 25
°C unless otherwise stated. These parameters are for design
guidance only and are not tested.
OSC1
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
17
20, 21
18
Old Value
New Value
Note: All tests must be done with specified capacitive loads (see data sheet) 50 pF on I/O pins and CLKOUT.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com