Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3109IGN-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3109IGN-PBF
Description  Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3109IGN-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC3109IGN-PBF Datasheet HTML 1Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 2Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 3Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 4Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 5Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 6Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 7Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 8Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC3109

3109f
Typical applicaTion
FeaTures
DescripTion
Auto-Polarity, Ultralow
Voltage Step-Up Converter
and Power Manager
The LTC®3109 is a highly integrated DC/DC converter ideal
for harvesting surplus energy from extremely low input
voltage sources such as TEGs (thermoelectric genera-
tors) and thermopiles. Its unique, proprietary autopolarity
topology* allows it to operate from input voltages as low
as 30mV, regardless of polarity.
Using two compact step-up transformers and external
energy storage elements, the LTC3109 provides a com-
plete power management solution for wireless sensing
and data acquisition. The 2.2V LDO can power an external
microprocessor,whilethemainoutputcanbeprogrammed
to one of four fixed voltages. The power good indicator
signals that the main output is within regulation. A second
output can be enabled by the host. A storage capacitor (or
battery) can also be charged to provide power when the
input voltage source is unavailable. Extremely low quies-
cent current and high efficiency maximizes the harvested
energy available for the application.
The LTC3109 is available in a small, thermally enhanced
20-lead (4mm
× 4mm) QFN package and a 20-lead SSOP
package.
VOUT Current vs TEG Voltage
applicaTions
n
Operates from Inputs as Low as ±30mV
n
Less Than ±1°C Needed Across TEG to Harvest
Energy
n
Proprietary Auto-Polarity Architecture
n
Complete Energy Harvesting Power Management
System
– Selectable VOUT of 2.35V, 3.3V, 4.1V or 5V
– 2.2V, 5mA LDO
– Logic-Controlled Output
– Energy Storage Capability for Operation During
Power Interruption
n
Power Good Indicator
n
Uses Compact Step-up Transformers
n
Small, 20-lead (4mm
× 4mm) QFN Package or
20-Lead SSOP
n
Remote Sensor and Radio Power
n
HVAC Systems
n
Automatic Metering
n
Building Automation
n
Predictive Maintenance
n
Industrial Wireless Sensing
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
*Patent pending.
GND
1µF
5.25V
2.2V
LTC3109
3.3V
CSTORE
3109 TA01a
C1A
1nF
2.2µF
470pF
47µF
1nF
470pF
1:100
TEG
(THERMOELECTRIC GENERATOR)
±30mV TO ±500mV
•
•
1:100
•
•
VOUT2
C2A
C1B
C2B
SWB
VINB
VS1
VS2
SWA
VINA
VOUT
VLDO
PG00D
VOUT2_EN
VSTORE
VAUX
VAUX
+
470µF
OPTIONAL SWITCHED OUTPUT FOR SENSORS
+
µP
LOW POWER
RADIO
SENSOR(S)
VTEG (mV)
–300
0
100
300
400
500
100
900
3109 TA01b
200
–100
–200
200
0
300
600
700
800
1:100 TRANSFORMERS
C1A = C1B = 1nF
VOUT = 3.3V


Similar Part No. - LTC3109IGN-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3109 LINER-LTC3109 Datasheet
1Mb / 18P
400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3109 LINER-LTC3109 Datasheet
405Kb / 18P
Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3109 LINER-LTC3109 Datasheet
244Kb / 24P
Auto-Polarity, Ultralow Voltage Step-Up Converter
LTC3109 LINER-LTC3109 Datasheet
179Kb / 20P
Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
LTC3109 LINER-LTC3109_12 Datasheet
244Kb / 24P
Auto-Polarity, Ultralow Voltage Step-Up Converter
More results

Similar Description - LTC3109IGN-PBF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
STEP-UP VOLTAGE CONVERTER
logo
Linear Technology
LTC3108 LINER-LTC3108 Datasheet
258Kb / 20P
Ultralow Voltage Step-Up Converter and Power Manager
LTC3108 LINER-LTC3108_10 Datasheet
1Mb / 22P
Ultralow Voltage Step-Up Converter and Power Manager
LTC3108-1 LINER-LTC3108-1 Datasheet
1Mb / 24P
Ultralow Voltage Step-Up Converter and Power Manager
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
Ultralow Voltage Step-Up Converter
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
Ultralow Voltage Step-Up Converter
LTC3109 LINER-LTC3109_12 Datasheet
244Kb / 24P
Auto-Polarity, Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_15 Datasheet
385Kb / 22P
Ultralow Voltage Step-Up Converter and Power Manager
LTC3109 LINER-LTC3109_15 Datasheet
420Kb / 24P
Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
LTC3108-1 LINER-LTC3108-1_15 Datasheet
406Kb / 24P
Ultralow Voltage Step-Up Converter and Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com