Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3109IGN-PBF Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3109IGN-PBF
Description  Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3109IGN-PBF Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3109IGN-PBF Datasheet HTML 12Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 13Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 14Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 15Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 16Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 17Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 18Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 19Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC3109

3109f
applicaTions inForMaTion
Note that there must be enough energy available from the
input voltage source for VOUT to recharge the capacitor
during the interval between load pulses (as discussed in
Design Example 1). Reducing the duty cycle of the load
pulse will allow operation with less input energy.
The VSTORE capacitor may be of very large value (thou-
sands of microfarads or even Farads), to provide energy
storage at times when the input voltage is lost. Note that
this capacitor can charge all the way to the VAUX clamp
voltage of 5.25V typical (regardless of the settings for
VOUT), so be sure that the holdup capacitor has a work-
ing voltage rating of at least 5.5V at the temperature that
it will be used.
The VSTORE input is not designed to provide high pulse
load currents to VOUT. The current path from VSTORE to
VOUT is limited to about 26mA max.
The VSTORE capacitor can be sized using the following
formula:
C
µA I
I
I
t
f
t
STORE
Q
LDO
PULSE
PULSE
STORE
≥
+ +
+
(
)
(
)
7
5
•
•
•
.225 – VOUT
where 7µA is the quiescent current of the LTC3109, IQ is
the load on VOUT in between pulses, ILDO is the load on
the LDO between pulses, IPULSE is the total load during the
pulse, tPULSE is the duration of the pulse, f is the frequency
of the pulses, tSTORE is the total storage time required
and VOUT is the output voltage required. Note that for a
programmed output voltage of 5V, the VSTORE capacitor
cannot provide any beneficial storage time to VOUT.
To minimize losses and capacitor charge time, all capaci-
tors used for VOUT and VSTORE should be low leakage.
See Table 6 for recommended storage capacitors.
Table 6. Recommended Storage Capacitors
VENDOR
PART NUMBER/SERIES
AVX
www.avx.com
BestCap Series
TAJ and TPS Series Tantalum
Cap-XX
www.cap-xx.com
GZ Series
Cooper/Bussman
www.bussmann.com/3/PowerStor.html
KR Series
P Series
Vishay/Sprague
www.vishay.com/capacitors
Tantamount 592D
595D Tantalum
Note that storage capacitors requiring voltage balancing
resistors are not recommended due to the steady-state
current draw of the resistors.
PCB LAYOUT GUIDELINES
Due to the rather low switching frequency of the resonant
converter and the low power levels involved, PCB layout
is not as critical as with many other DC/DC converters.
There are however, a number of things to consider.
Duetotheverylowinputvoltagesthecircuitoperatesfrom,
the connections to VIN, the primary of the transformers
and the SW, VIN and GND pins of the LTC3109 should be
designed to minimize voltage drop from stray resistance,
and able to carry currents as high as 500mA. Any small
voltage drop in the primary winding conduction path will
lower efficiency and increase start-up voltage and capaci-
tor charge time.
Also, due to the low charge currents available at the out-
puts of the LTC3109, any sources of leakage current on
the output voltage pins must be minimized. An example
board layout is shown in Figure 4.
Figure 4. Example Component Placement for 2-Layer PC Board
(QFN Package). Note That VSTORE and VOUT Capacitor Sizes
are Application Dependent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com