Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3109IGN-PBF Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3109IGN-PBF
Description  Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3109IGN-PBF Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3109IGN-PBF Datasheet HTML 16Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 17Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 18Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 19Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 20Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 21Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 22Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 23Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC3109
0
3109f
Typical applicaTions
Li-Ion Battery Charger and LDO Operates from a Low Level AC Input
GND
1µF
2.2V
LTC3109
3109 TA03
C1A
1nF
Li-Ion
BATTERY
*THE LTC4070 IS A PRECISION BATTERY
CHARGER OFFERING UNDERVOLTAGE
PROTECTION, WITH A TYPICAL SUPPLY
CURRENT OF ONLY 0.45µA
FAIRCHILD
FDG328P
470pF
60Hz
1nF
470pF
T1
1:100
50mV TO
300mV RMS
T2
1:100
•
•
•
•
VOUT2
C2A
C1B
C2B
SWB
VINB
T1, T2: COILCRAFT
LPR6235-752SML
VS1
VS2
SWA
VINA
VOUT
VLDO
VLDO
TO LOAD
4.1V
NC
2.2µF
PG00D
VOUT2_EN
VSTORE
VAUX
+
AC
LBO
NTC
VCC
ADJ
NC
NC
NC
HBO
DRV
NTCBIAS
LTC4070*
GND
Unipolar Energy Harvester Charges Battery Backup
GND
1µF
LTC3109
3109 TA06a
C1A
33nF
Li-Ion
BATTERY
FAIRCHILD
FDG328P
1nF
330k
T1
1:50
+
–
•
•
VOUT2
C2A
C1B
C2B
SWB
VINB
T1: COILCRAFT
LPR6235-123QML
VS1
VS2
SWA
VINA
VOUT
VLDO
VLDO
PGOOD
VOUT
3.3V
4.1V
NC
2.2µF
47µF
THERMOELECTIC
GENERATOR
FERROTEC 9500/127/100B
330µF
4V
2.2V
PG00D
VOUT2_EN
VSTORE
VAUX
+
LBO
NTC
VCC
ADJ
NC
NC
NC
HBO
DRV
NTCBIAS
LTC4070
GND
+
dT (°K)
0
3.0
4.0
5.0
8
3109 TA06b
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
2
1
4
3
6
7
9
5
10
FERROTEC 9500/127/100B
C1 = 33nF
T1 = COILCRAFT LPR6235-123QML
1:50 RATIO
VOUT = 3.3V
Typical PVOUT vs dT for Unipolar
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com