Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3109IGN-PBF Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3109IGN-PBF
Description  Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3109IGN-PBF Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3109IGN-PBF Datasheet HTML 10Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 11Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 12Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 13Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 14Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 15Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 16Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 17Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC3109

3109f
applicaTions inForMaTion
GND
10µF
LTC3109
3109 F03a
C1A
C1
1nF
330k
T1
•
•
VOUT2
VOUT2
C2A
C1B
C2B
SWB
VINB
VS1
VOUT
SET
VS2
SWA
VINA
VOUT
VLDO
VLDO
VOUT
2.2µF
CIN
VIN
PG00D
VOUT2_EN
PG00D
VOUT2_ENABLE
NOTE: VALUES FOR CIN, T1, C1 AND COUT
ARE DETERMINED BY THE APPLICATION
VSTORE
VAUX
+
COUT
+
Figure 3. Unipolar Application
Typical IVOUT vs VIN for Unipolar
Configuration
Typical Efficiency vs VIN for
Unipolar Configuration
VIN (mV)
10
10
100
1000
10000
100
1000
3109 F03b
1:100, C1 = 6.8nF
1:50, C1 = 33nF
1:20, C1 = 68nF
VOUT = 3.3V
VIN (mV)
10
20
30
40
100
1000
3109 F03c
10
0
60
50
15
25
35
5
55
45
1:100, C1 = 6.8nF
1:50, C1 = 33nF
1:20, C1 = 68nF
Typical Input Current vs VIN for
Unipolar Configuration
Typical RIN vs VIN for Unipolar
Configuration
VIN (mV)
10
200
300
400
100
1000
3109 F03d
100
0
600
500
150
250
350
50
550
450
1:100, C1 = 6.8nF
1:50, C1 = 33nF
1:20, C1 = 68nF
VIN (mV)
10
1.0
2.0
100
1000
3109 F03e
0
4.0
3.0
1.5
0.5
3.5
2.5
1:100, C1 = 6.8nF
1:50, C1 = 33nF
1:20, C1 = 68nF
dT (°K)
100
0.1
1
10
10
3109 F03f
VOUT = 5V
VOUT = 3.3V
FERROTEC 9500/127/100B, 40mm TEG
C1 = 33nF,
T1 = COILCRAFT LPR6235-123QML
1:50 RATIO
Typical PVOUT vs dT for Unipolar
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com