Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3109IGN-PBF Datasheet(PDF) 24 Page - Linear Technology

Part # LTC3109IGN-PBF
Description  Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3109IGN-PBF Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC3109IGN-PBF Datasheet HTML 16Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 17Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 18Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 19Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 20Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 21Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 22Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 23Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC3109

3109f
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2010
LT 0610 • PRINTED IN USA
relaTeD parTs
Typical applicaTion
Unipolar TEG Energy Harvester for Low Resistance/High Current Inputs,
Using External Charge Pump Rectifiers
GND
10µF
2.2V
LTC3109
3.3V
VOUT
VOUT2
SWITCHED VOUT GOES HIGH
WHEN PGOOD IS HIGH
VLDO
3109 TA05
C1A
VAUX
BAS31
1.0µF
1nF
2.2µF
0.1µF
+
70mV TO 1V
COILCRAFT
LPR6235-253PML
1:20
•
•
VOUT2
C2A
C1B
C2B
SWB
VINB
VS1
VS2
SWA
VINA
VOUT
VLDO
PG00D
PG00D
VOUT2_EN
VSTORE
VAUX
VAUX
COUT
+
CSTORE
+
PART NUMBER
DESCRIPTION
COMMENTS
LTC3108/
LTC3108-1
Ultralow Voltage Step-Up Converter and
Power Manager
VIN: 0.02V to 1V, VOUT = 2.2V, 2.35V, 3.3V, 4.1V, 5V, IQ = 6µA,
4mm
× 3mm DFN-12, SSOP-16; LTC3108-1 VOUT = 2.2V, 2.5V, 3V, 3.7V, 4.5V
LTC4070
Micropower Shunt Battery Charger
1% Float Voltage Accuracy, 50mA Max Shunt Current, VOUT = 4.0V, 4.1V, 4.2V,
IQ = 450nA, 2mm × 3mm DFN-8, MSOP-8
LTC1041
Bang-Bang Controller
VIN: 2.8V to 16V; VOUT(MIN) = Adj; IQ = 1.2mA; ISD < 1µA; SO-8 Package
LTC1389
Nanopower Precision Shunt Voltage Reference
VOUT(MIN) = 1.25V; IQ = 0.8µA; SO-8 Package
LT1672/LT1673/
LT1674
Single-/Dual-/Quad-Precision 2µA Rail-to-Rail
Op Amps
SO-8, SO-14 and MSOP-8 Packages
LT3009
3µA IQ, 20mA Linear Regulator
VIN: 1.6V to 20V; VOUT(MIN): 0.6V to Adj, 1.2V, 1.5V, 1.8V, 2.5V, 3.3V,
5V to Fixed; IQ = 3µA; ISD < 1µA; 2mm × 2mm DFN-8 and SC70 Packages
LTC3588-1
Piezoelectric Energy Generator with Integrated
High Efficiency Buck Converter
VIN: 2.7V to 20V; VOUT(MIN): Fixed to 1.8V, 2.5V, 3.3V, 3.6V; IQ = 0.95µA;
3mm
× 3mm DFN-10 and MSOP-10E Packages
LT8410/LT8410-1
Micropower 25mA/8mA Low Noise Boost Converter
with Integrated Schottky Diode and Output
Disconnect
VIN: 2.6V to 16V; VOUT(MIN) = 40VMAX; IQ = 8.5µA; ISD < 1µA;
2mm
× 2mm DFN-8 Package
IVOUT vs VIN
VIN (mV)
0
8
12
800
3109 TA05b
4
0
200
400
600
100
300
500
700
16
6
10
2
14
1:20 RATIO
C1 = 1µF
EXTERNAL DIODES
TYPICAL
VIN (mV)
10
0
10
20
30
40
100
1000
3109 TA05c
50
5
15
25
35
45
Efficiency vs VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com