Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3109IGN-PBF Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3109IGN-PBF
Description  Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3109IGN-PBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3109IGN-PBF Datasheet HTML 8Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 9Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 10Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 11Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 12Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 13Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 14Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 15Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC3109

3109f
applicaTions inForMaTion
INTRODUCTION
The LTC3109 is designed to gather energy from very low
input voltage sources and convert it to usable output
voltages to power microprocessors, wireless transmit-
ters and analog sensors. Its architecture is specifically
tailored to applications where the input voltage polarity is
unknown, or can change. This “auto-polarity” capability
makes it ideally suited to energy harvesting applications
using a TEG whose temperature differential may be of
either polarity.
Applications such as wireless sensors typically require
much more peak power, and at higher voltages, than
the input voltage source can produce. The LTC3109 is
designed to accumulate and manage energy over a long
period of time to enable short power pulses for acquiring
and transmitting data. The pulses must occur at a low
enough duty cycle that the total output energy during the
pulsedoesnotexceedtheaveragesourcepowerintegrated
over the accumulation time between pulses. For many
applications, this time between pulses could be seconds,
minutes or hours.
The PGOOD signal can be used to enable a sleeping
microprocessor or other circuitry when VOUT reaches
regulation, indicating that enough energy is available for
a transmit pulse.
INPUT VOLTAGE SOURCES
The LTC3109 can operate from a number of low input
voltage sources, such as Peltier cells (thermoelectric
generators), or low level AC sources. The minimum input
voltage required for a given application will depend on the
transformer turns ratios, the load power required, and the
internal DC resistance (ESR) of the voltage source. Lower
ESRsourceswillallowoperationfromlowerinputvoltages,
and provide higher output power capability.
For a given transformer turns ratio, there is a maximum
recommended input voltage to avoid excessively high
secondary voltages and power dissipation in the shunt
regulator. It is recommended that the maximum input
voltage times the turns ratio be less than 50.
Note that a low ESR decoupling capacitor may be required
acrossaDCinputsourcetopreventlargevoltagedroopand
ripple caused by the source’s ESR and the peak primary
switchingcurrent(whichcanreachhundredsofmilliamps).
Since the input voltage may be of either polarity, a ceramic
capacitor is recommended.
PELTIER CELL (THERMOELECTRIC GENERATOR)
A Peltier cell is made up of a large number of series-con-
nected P-N junctions, sandwiched between two parallel
ceramic plates. Although Peltier cells are often used as
coolers by applying a DC voltage to their inputs, they will
alsogenerateaDCoutputvoltage,usingtheSeebeckeffect,
when the two plates are at different temperatures.
When used in this manner, they are referred to as thermo-
electricgenerators(TEGs).Thepolarityoftheoutputvoltage
will depend on the polarity of the temperature differential
between the TEG plates. The magnitude of the output volt-
age is proportional to the magnitude of the temperature
differential between the plates.
The low voltage capability of the LTC3109 design allows it
tooperatefromatypicalTEGwithtemperaturedifferentials
as low as 1°C of either polarity, making it ideal for harvest-
ing energy in applications where a temperature difference
exists between two surfaces or between a surface and
the ambient temperature. The internal resistance (ESR)
of most TEGs is in the range of 1Ω to 5Ω, allowing for
reasonablepowertransfer.ThecurvesinFigure2showthe
open-circuit output voltage and maximum power transfer
for a typical TEG with an ESR of 2Ω, over a 20°C range of
temperature differential (of either polarity).
dT (°C)
1
1
10
100
1000
0.1
1
10
100
10
100
3109 F02
TEG: 30mm SQUARE
127 COUPLES
R = 2
VOC
MAX POUT
(IDEAL)
Figure 2. Typical Performance of a Peltier Cell
Acting as a Power Generator (TEG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com