Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBR2012T2R2M Datasheet(PDF) 33 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBR2012T2R2M
Description  WOUND CHIP INDUCTORS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBR2012T2R2M Datasheet(HTML) 33 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LBR2012T2R2M Datasheet HTML 29Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 30Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 31Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 32Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 33Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 34Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 35Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 36Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 37Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
1
wound0405_pack-P1
wound0405_pack_e-01
■ PACKAGING
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
◦Embossed tape 8mm wide (0.315 inches wide)
①Minimum Quantity
CHIP cavity
φ1.5
(0.059
)
1.75±0.1
(0.069±0.004)
4.0±0.1
(0.157±0.004)
2.0±0.05
(0.079±0.002)
K
T
F
A
+0.1
ー0
+0.004
ー0
Electrode(bottom view)
②Tape Material
③Taping dimensions
④Leader and Blank portion
Type
Chip cavity
Insertion pitch
Tape thickness
A
B
F
T
K
NR 8040
8.3±0.1
8.3±0.1
12.0±0.1
0.5±0.1
4.5±0.1
(0.327±0.004) (0.327±0.004) (0.472±0.004) (0.020±0.004) (0.177±0.004)
Unit : mm (inch)
◦Embossed tape 12mm wide (0.47 inches wide)
◦Embossed tape 16mm wide (0.63 inches wide)
CHIP cavity
Electrode(bottom view)
φ1.5
(0.059
)
1.75±0.1
(0.069±0.004)
4.0±0.1
(0.157±0.004)
2.0±0.1
(0.079±0.004)
K
T
F
A
+0.1
ー0
+0.004
ー0
Electrode(bottom view)
K
T
CHIP cavity
F
A
2.0±0.1
(0.079±0.004)
φ1.5±0.1
(0.059±0.004)
4.0±0.1
(0.157±0.004)
1.75±0.1
(0.069±0.004)
7.5±0.1
(0.295±0.004)
100mm or more
(3.94 inches or more)
400mm or more
(15.8 inches or more)
Blank portions
Blank portions
Chip cavity
Leader
Direction of tape feed
160mm or more
(6.3 inches or more)
◦NR, NRH, NRS, NRG, NRV
Type
Standard Quantity [pcs]
Tape & Reel
NRH 2410
2500
NR 3010/NRH 3010
2000
NR 3012/NRH3012/NRV3012
2000
NR 3015
2000
NR 4010
5000
NR 4012
4500
NR 4018
3500
NRG4026
2000
NRS5012
1000
NRS5014
1000
NRS5020
800
NR 5040
1500
NRS6010
1000
NR 6012
1000
NR 6020
2500
NR 6028
2000
NR 6045
1500
NR 8040
1000
Type
Chip cavity
Insertion pitch
Tape thickness
A
B
F
T
K
NRH 2410
2.6±0.1
2.6±0.1
4.0±0.1
(0.157±0.004)
0.25±0.05
1.3±0.1
(0.102±0.004)(0.102±0.004)
(0.009±0.002)(0.051±0.004)
NR 3010
NRH 3010
3.2±0.1
(0.126±0.004)
3.2±0.1
(0.126±0.004)
0.3±0.05
(0.012±0.002)
1.4±0.1
(0.055±0.004)
NR 3012
NRH 3012
NRV3012
1.6±0.1
(0.063±0.004)
NR 3015
1.9±0.1
(0.075±0.004)
Unit : mm (inch)
Type
Chip cavity
Insertion pitch
Tape thickness
A
B
F
T
K
NR 4010
4.3±0.1
(0.169±0.004)
4.3±0.1
(0.169±0.004)
8.0±0.1
(0.315±0.004)
0.3±0.05
(0.012±0.002)
1.4±0.1
(0.055±0.004)
NR 4012
1.6±0.1
(0.063±0.004)
NR 4018
2.1±0.1
(0.083±0.004)
NRG 4026
3.1±0.1
(0.122±0.004)
NRS 5012
5.25±0.1
(0.207±0.004)
5.25±0.1
(0.207±0.004)
1.4±0.1
(0.055±0.004)
NRS 5014
1.6±0.1
(0.063±0.004)
NRS 5020
2.3±0.1
(0.091±0.004)
NR 5040
5.15±0.1
(0.203±0.004)
5.15±0.1
(0.203±0.004)
0.4±0.1
(0.016±0.004)
4.2±0.1
(0.165±0.004)
NRS 6010
6.3±0.1
(0.248±0.004)
6.3±0.1
(0.248±0.004)
1.4±0.1
(0.055±0.004)
NR 6012
1.6±0.1
(0.063±0.004)
NR 6020
2.3±0.1
(0.090±0.004)
NR 6028
3.1±0.1
(0.122±0.004)
NR 6045
4.7±0.1
(0.185±0.004)
Unit : mm (inch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com