Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBR2012T2R2M Datasheet(PDF) 45 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBR2012T2R2M
Description  WOUND CHIP INDUCTORS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBR2012T2R2M Datasheet(HTML) 45 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LBR2012T2R2M Datasheet HTML 39Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 40Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 41Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 42Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 43Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 44Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 45Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 46Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 47Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
1
wound0407_reli-RP3
wound0407_reli_e-01
■ RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
15. Resistance to soldering heat
BRC1608, BRL2012, BRC2016, BRC2518,
BRFL2518, BRL2518, BRL3225 Type
Inductance change : Within ±10%
No significant abnormality in appearance.
NR30/40/50/60/80, NRV30, NRG40,
NRH24/30, NRS50/60 Type
NR10050 Type
【Test Method and Remarks】
BRC1608, BRL2012, BRC2016, BRC2518, BRFL2518, BRL2518, BRL3225 Type :
3 times of reflow oven at 230℃ MIN. for 40sec. with peak temperature at 260+0
ー5 ℃ for 5sec.
NR30/40/50/60/80, NRV30, NRG40, NRH24/30, NRS50/60 Type, NR10050 Type
:
The test sample shall be exposed to reflow oven at 230±5℃ for 40 seconds, with peak temperature at 260±5℃ for 5 seconds, 2 times.
NR6020 Type :
The test sample shall be exposed to reflow oven at 230±5℃ for 40 seconds, with peak temperature at 250+0
ー5 ℃ for 5 seconds, 2 times.
Test board thickness : 1.0mm
Test board material : glass epoxy-resin
16. Thermal shock
BRC1608, BRL2012, BRC2016, BRC2518,
BRFL2518, BRL2518, BRL3225 Type
Inductance change : Within ±10%
No significant abnormality in appearance.
NR30/40/50/60/80, NRV30, NRG40,
NRH24/30, NRS50/60 Type
NR10050 Type
【Test Method and Remarks】
BRC1608, BRL2012, BRC2016, BRC2518, BRFL2518, BRL2518, BRL3225 Type, NR30/40/50/60/80, NRV30, NRG40, NRH24/30, NRS50/60 Type, NR10050 Type :
The test samples shall be soldered to the test board by the reflow. The test samples shall be placed at specified temperature for specified time by step 1 to step 4 as shown
in below table in sequence. The temperature cycle shall be repeated 100 cycles.
Conditions of 1 cycle
Step
Temperature (℃)
Duration (min)
1
ー40±3
30±3
2
Room temperature
Within 3
3
+85±2
30±3
4
Room temperature
Within 3
17. Damp heat
BRC1608, BRL2012, BRC2016, BRC2518,
BRFL2518, BRL2518, BRL3225 Type
Inductance change : Within ±10%
No significant abnormality in appearance.
NR30/40/50/60/80, NRV30, NRG40,
NRH24/30, NRS50/60 Type
NR10050 Type
【Test Method and Remarks】
BRC1608, BRL2012, BRC2016, BRC2518, BRFL2518, BRL2518, BRL3225 Type :
Temperature
60±2℃
Humidity
90∼95%RH
Time
1000 hours.
Recovery : At least 2hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
NR30/40/50/60/80, NRV30, NRG40, NRH24/30, NRS50/60 Type :
The test samples shall be soldered to the test board by the reflow.
The test samples shall be placed in thermostatic oven set at specified temperature and humidity as shown in below table.
Temperature
60±2℃
Humidity
90∼95%RH
Time
500±24hour
14. Solderability
BRC1608, BRL2012, BRC2016, BRC2518,
BRFL2518, BRL2518, BRL3225 Type
At least 90% of surface of terminal electrode is covered by new solder.
NR30/40/50/60/80, NRV30, NRG40,
NRH24/30, NRS50/60 Type
NR10050 Type
【Test Method and Remarks】
BRC1608, BRL2012, BRC2016, BRC2518, BRFL2518, BRL2518, BRL3225 Type, NR30/40/50/60/80, NRV30, NRG40, NRH24/30, NRS50/60 Type, NR10050Type :
The test samples shall be dipped in flux, and then immersed in molten solder as shown in below table.
Flux : Methanol solution containing rosin 25%.
NR30/40/50/60/80, NRV30, NRG40, NRH24/30, NRS50/60 Type :
Solder Temperature
245±5℃
Time
5±1.0 sec.
BRC1608, BRL2012, BRC2016, BRC2518, BRFL2518, BRL2518, BRL3225 Type :
Solder Temperature
245±5℃
Time
5±0.5 sec.
※Immersion depth : All sides of mounting terminal shall be immersed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com