Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBR2012T2R2M Datasheet(PDF) 40 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBR2012T2R2M
Description  WOUND CHIP INDUCTORS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBR2012T2R2M Datasheet(HTML) 40 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LBR2012T2R2M Datasheet HTML 36Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 37Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 38Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 39Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 40Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 41Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 42Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 43Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 44Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
136
1
wound07_e-01
・Please specify the inductance tolerance code. (M or K)
※)The saturation current value (Idc1) is the DC current value having inductance decrease down to 30%. (at 20℃)
※)The temperature rise current value (Idc2) is the DC current value having temperature increase up to 40℃. (at 20℃)
※)The rated current is the DC current value that satisfies both of DC saturation current value and temperature rise current value.
■ PART NUMBERS
●BR L2518 type
●BRFL2518 type
Ordering code
EHS (Environmental
Hazardous
Substances)
Inductance
[μH]
Inductance
Tolerance
Self-resonant
frequency
[MHz] (min.)
DC
Resistance
[Ω] (±30%)
Rated current ※)[mA]
Measuring
frequency
[MHz]
Saturation
current
Idc1
Temperature rise
current
Idc2
BR L2518T1R0M
RoHS
1.0
±20%
130
0.080
1,300
1,000
7.96
BR L2518T1R5M
RoHS
1.5
100
0.100
1,200
920
BR L2518T2R2M
RoHS
2.2
80
0.135
900
850
BR L2518T3R3M
RoHS
3.3
70
0.300
750
580
BR L2518T4R7M
RoHS
4.7
60
0.400
650
470
Ordering code
EHS (Environmental
Hazardous
Substances)
Inductance
[μH]
Inductance
Tolerance
Self-resonant
frequency
[MHz] (min.)
DC
Resistance
[Ω] (±30%)
Rated current ※)[mA]
Measuring
frequency
[MHz]
Saturation
current
Idc1
Temperature rise
current
Idc2
BRFL2518T1R0M
RoHS
1.0
±20%
130
0.090
1,200
1,200
1.00
BRFL2518T1R5M
RoHS
1.5
100
0.110
1100
1000
BRFL2518T2R2M
RoHS
2.2
80
0.130
850
950
BRFL2518T3R3M
RoHS
3.3
70
0.220
700
700
BRFL2518T4R7M
RoHS
4.7
60
0.330
650
650
●BR L3225 type
Ordering code
EHS (Environmental
Hazardous
Substances)
Inductance
[μH]
Inductance
Tolerance
Self-resonant
frequency
[MHz] (min.)
DC
Resistance
[Ω] (±30%)
Rated current ※)[mA]
Measuring
frequency
[MHz]
Saturation
current
Idc1
Temperature rise
current
Idc2
BR L3225T1R0M
RoHS
1.0
±20%
220
0.043
2,400
2,200
0.10
BR L3225T1R5M
RoHS
1.5
170
0.045
2,200
1,750
BR L3225T2R2M
RoHS
2.2
150
0.065
1,850
1,600
BR L3225T3R3M
RoHS
3.3
140
0.120
1,450
1,200
BR L3225T4R7M
RoHS
4.7
120
0.180
1,300
1,000
BR L3225T6R8M
RoHS
6.8
90
0.270
1,050
770
BR L3225T100□
RoHS
10
±20%
±10%
70
0.350
900
700
BR L3225T150□
RoHS
15
20
0.570
700
530
BR L3225T220□
RoHS
22
13
0.690
550
470
BR L3225T330□
RoHS
33
9
0.840
470
420
BR L3225T470□
RoHS
47
7
1.00
420
390
BR L3225T680□
RoHS
68
6
1.40
330
300
BR L3225T101□
RoHS
100
5
2.50
270
250
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com