Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBR2012T2R2M Datasheet(PDF) 44 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBR2012T2R2M
Description  WOUND CHIP INDUCTORS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBR2012T2R2M Datasheet(HTML) 44 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LBR2012T2R2M Datasheet HTML 39Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 40Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 41Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 42Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 43Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 44Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 45Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 46Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 47Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
1
wound0407_reli-RP2
wound0407_reli_e-01
■ RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
12. Adhesion of terminal electrode
BRC1608, BRL2012, BRC2016, BRC2518,
BRFL2518, BRL2518, BRL3225 Type
Shall not come off PC board.
NR30/40/50/60/80, NRV30, NRG40,
NRH24/30, NRS50/60 Type
NR10050 Type
【Test Method and Remarks】
BRL2012, BRC2016, BRC2518, BRFL2518, BRL2518, BRL3225 Type, NR30/40/50/60/80, NRV30, NRG40, NRH24/30, NRS50/60 Type :
The test samples shall be soldered to the test board by the reflow.
・Applied force
: 10N to X and Y directions.
・Duration
: 5s.
・Solder cream thickness : 0.15mm.
10N, 5s
BRC1608, NR10050 Type :
・Applied force : 5N to X and Y directions.
・Duration
: 5s.
8. Resistance to flexure of substrate
BRC1608, BRL2012, BRC2016, BRC2518,
BRFL2518, BRL2518, BRL3225 Type
No damage.
NR30/40/50/60/80, NRV30, NRG40,
NRH24/30, NRS50/60 Type
NR10050 Type
【Test Method and Remarks】
BRC1608, BRL2012, BRC2016, BRC2518, BRFL2518, BRL2518, BRL3225 Type, NR30/40/50/60/80, NRV30, NRG40, NRH24/30, NRS50/60 Type :
The test samples shall be soldered to the test board by the reflow. As illustrated below, apply force in the direction of the arrow indicating until deflection of the test board
reaches to 2 mm.
Test board size
: 100×40×1.0
Test board material
: glass epoxy-resin
Solder cream thickness : 0.12 (BR Series)
0.10 (NR30/40, NRV30, NRH24/30,NRG40)
0.15 (NR50/60/80, NRS50/60)
Force Rod
Board
Test Sample
20
10
R230
R5
45±2mm
45±2mm
Land dimension(BRC1608)
0.55
0.55
0.8
0.9
Land dimension(BRL2012)
0.65
0.65
0.9
1.4
Land dimension(BRL3225)
1.0
1.0
1.6
2.7
Land dimension(NR30, NRH30, NRV30)
0.8
0.8
1.4
2.7
Land dimension(NR60, NRS60)
1.6
1.6
3.1
5.7
Land dimension(NR, NRS50)
1.5
1.5
2.1
4.0
0.7
0.7
0.8
1.8
Land dimension(BRC2016)
Land dimension(BRL2518,BRC2518,BRFL2518)
0.65
0.65
1.5
1.95
Land dimension(NRH24)
0.7
0.7
0.75
2.0
Land dimension(NR40, NRG40)
1.2
1.2
1.6
3.7
Land dimension(NR80)
1.8
1.8
3.8
7.5
Printed board thickness : 1.0mm
Unit : mm
9. Insulation resistance : between wires
BRC1608, BRL2012, BRC2016, BRC2518,
BRFL2518, BRL2518, BRL3225 Type
NR30/40/50/60/80, NRV30, NRG40,
NRH24/30, NRS50/60 Type
NR10050 Type
10. Insulation resistance : between wire and core
BRC1608, BRL2012, BRC2016, BRC2518,
BRFL2518, BRL2518, BRL3225 Type
NR30/40/50/60/80, NRV30, NRG40,
NRH24/30, NRS50/60 Type
NR10050 Type
11. Withstanding voltage : between wires and core
BRC1608, BRL2012, BRC2016, BRC2518,
BRFL2518, BRL2518, BRL3225 Type
NR30/40/50/60/80, NRV30, NRG40,
NRH24/30, NRS50/60 Type
NR10050 Type
13. Resistance to vibration
BRC1608, BRL2012, BRC2016, BRC2518,
BRFL2518, BRL2518, BRL3225 Type
Inductance change : Within ±10%
No significant abnormality in appearance.
NR30/40/50/60/80, NRV30, NRG40,
NRH24/30, NRS50/60 Type
NR10050 Type
【Test Method and Remarks】
BRC1608, BRL2012, BRC2016, BRC2518, BRFL2518, BRL2518, BRL3225 Type, NR30/40/50/60/80, NRV30, NRG40, NRH24/30, NRS50/60 Type, NR10050 Type :
The test samples shall be soldered to the test board by the reflow.
Then it shall be submitted to below test conditions.
Frequency Range
10∼55Hz
Total Amplitude
1.5mm (May not exceed acceleration 196m/s2)
Sweeping Method
10Hz to 55Hz to 10Hz for 1min.
Time
X
For 2 hours on each X, Y, and Z axis.
Y
Z
Recovery : At least 2hrs of recovery under the standard condition sfter the test, followed by the measurement within 48hrs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com