Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBR2012T2R2M Datasheet(PDF) 8 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBR2012T2R2M
Description  WOUND CHIP INDUCTORS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBR2012T2R2M Datasheet(HTML) 8 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LBR2012T2R2M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
49
1
wound02_e-01
■ PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
●CB2012 TYPE
●CBC2012 TYPE
●CB2016 TYPE
●CB2518 TYPE
Ordering code
EHS
(Environmental
Hazardous
Substances)
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant
frequency
〔MHz〕
min.
Resistance
DC
〔Ω〕
(±30%)
Rated current〔mA〕
Measuring
frequency
〔MHz〕
Saturation current
Idc1
Temperature rise
current
Idc2
CB 2012T1R0M
RoHS
1.0
±20%
100
0.15
500
900
7.96
CB 2012T2R2M
RoHS
2.2
80
0.23
410
770
CB 2012T3R3M
RoHS
3.3
55
0.30
330
650
CB 2012T4R7M
RoHS
4.7
45
0.40
300
580
CB 2012T6R8M
RoHS
6.8
38
0.47
250
540
CB 2012T100□
RoHS
10
±10%
±20%
32
0.70
190
440
2.52
CB 2012T100□R
RoHS
10
32
0.50
200
520
CB 2012T150□
RoHS
15
28
1.3
170
320
CB 2012T220□
RoHS
22
16
1.7
135
280
CB 2012T470□
RoHS
47
11
3.7
90
190
CB 2012T680□
RoHS
68
10
6.0
70
140
CB 2012T101□
RoHS
100
8
7.0
60
130
0.796
Ordering code
EHS
(Environmental
Hazardous
Substances)
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant
frequency
〔MHz〕
min.
Resistance
DC
〔Ω〕
(±30%)
Rated current〔mA〕
Measuring
frequency
〔MHz〕
Saturation current
Idc1
Temperature rise
current
Idc2
CB C2012T1R0M
RoHS
1.0
±20%
100
0.19
700
840
7.96
CB C2012T2R2M
RoHS
2.2
70
0.33
530
640
CB C2012T4R7M
RoHS
4.7
45
0.50
360
520
CB C2012T100□
RoHS
10
±10%
±20%
40
1.2
240
340
2.52
CB C2012T220□
RoHS
22
16
3.7
170
190
CB C2012T470□
RoHS
47
11
5.8
120
150
・□Please specify the Inductance tolerance code(Kor M)
※)The saturation current value(Idc1)is the DC current value having inductance decrease down to 30%.(at 20℃)
※)The temperature rise current value(Idc2)is the DC current value having temperature increase up to 40℃.(at 20℃)
※)The maximum rated current is the DC current value that satisfies both of DC saturation current value and temperature rise current value.
Ordering code
EHS
(Environmental
Hazardous
Substances)
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant
frequency
〔MHz〕
min.
Resistance
DC
〔Ω〕
(±30%)
Rated current〔mA〕
Measuring
frequency
〔MHz〕
Saturation current
Idc1
Temperature rise
current
Idc2
CB 2016T1R0M
RoHS
1.0
±20%
100
0.09
600
1100
7.96
CB 2016T1R5M
RoHS
1.5
80
0.11
550
1000
CB 2016T2R2M
RoHS
2.2
70
0.13
510
1000
CB 2016T3R3M
RoHS
3.3
55
0.20
400
800
CB 2016T4R7M
RoHS
4.7
45
0.25
340
740
CB 2016T6R8M
RoHS
6.8
38
0.35
300
600
2.52
CB 2016T100□
RoHS
10
±10%
±20%
32
0.50
250
520
CB 2016T150□
RoHS
15
28
0.70
210
440
CB 2016T220□
RoHS
22
16
1.0
165
370
CB 2016T330□
RoHS
33
14
1.7
130
270
CB 2016T470□
RoHS
47
11
2.4
110
240
CB 2016T680□
RoHS
68
10
3.0
90
210
CB 2016T101□
RoHS
100
8
4.5
70
170
0.796
Ordering code
EHS
(Environmental
Hazardous
Substances)
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant
frequency
〔MHz〕
min.
Resistance
DC
〔Ω〕
(±30%)
Rated current〔mA〕
Measuring
frequency
〔MHz〕
Saturation current
Idc1
Temperature rise
current
Idc2
CB 2518T1R0M
RoHS
1.0
±20%
100
0.06
1200
1500
7.96
CB 2518T1R5M
RoHS
1.5
80
0.07
650
1400
CB 2518T2R2M
RoHS
2.2
68
0.09
510
1300
CB 2518T3R3M
RoHS
3.3
54
0.11
440
1200
CB 2518T4R7MR
RoHS
4.7
46
0.10
310
1200
CB 2518T4R7M
RoHS
4.7
46
0.13
340
1100
CB 2518T6R8M
RoHS
6.8
38
0.15
270
930
CB 2518T100□
RoHS
10
±10%
±20%
30
0.25
250
820
2.52
CB 2518T150□
RoHS
15
23
0.32
180
650
CB 2518T220□
RoHS
22
19
0.50
165
580
CB 2518T330□
RoHS
33
15
0.70
130
460
CB 2518T470□
RoHS
47
12
0.95
110
420
CB 2518T680□
RoHS
68
9.5
1.5
70
310
CB 2518T101□
RoHS
100
9.0
2.1
60
260
0.796
CB 2518T151□
RoHS
150
7.0
3.2
55
210
CB 2518T221□
RoHS
220
5.5
4.5
50
180
CB 2518T331□
RoHS
330
4.5
7.0
40
140
CB 2518T471□
RoHS
470
3.5
10
35
120
CB 2518T681□
RoHS
680
3.0
17
30
90
CB 2518T102□
RoHS
1000
2.4
24
25
75
0.252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com