Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBR2012T2R2M Datasheet(PDF) 37 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBR2012T2R2M
Description  WOUND CHIP INDUCTORS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBR2012T2R2M Datasheet(HTML) 37 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LBR2012T2R2M Datasheet HTML 33Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 34Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 35Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 36Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 37Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 38Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 39Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 40Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 41Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
1
wound06_pack-P1
wound06_pack_e-01
■ PACKAGING
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
◦Embossed tape 24mm wide (0.945 inches wide)
①Minimum Quantity
Type
Standard Quantity [pcs]
Tape & Reel
NR 10050
500
φ1.5
(0.059
)
4.0±0.1
(0.157±0.004)
1.75±0.1
(0.069±0.004)
2.0±0.1
(0.079±0.004)
+0.1
ー0
+0.004
ー0
K
F
T
B
16.0±0.1
(0.63±0.004)
11.5±0.1
(0.453±0.004)
24.0  
(0.945
)
+0.3
ー0.1
+0.012
ー0.004
A
②Tape Material
③Taping dimensions
Type
Chip cavity
Insertion pitch
Tape thickness
A
B
F
T
K
NR 10050
10.4±0.1
9.9±0.1
16.0±0.1
0.5±0.05
5.7±0.1
(0.409±0.004) (0.390±0.004) (0.630±0.004)
(0.020±0.002)
(0.224±0.004)
Unit : mm (inch)
④Leader and Blank portion
40 to 50 pockets
1role of reel
Blank portions
Chip cavity
Blank portions
Cover Tape
Leader
Direction of tape feed
100 to 200mm
(3.94 to 7.87
inches)
20 to 30 pockets
φ13±0.5
(φ0.512±0.020)
φ13±0.5
25.5±1.0
(1.004±0.04)
t
2±0.5
(0.079±0.020)
(φ0.512±0.020)
⑤Reel size
Type
Reel size (Reference values)
φD
φd
t (max.)
NR 10050
330±3
80±2
30.5
(12.99±0.118)
(3.15±0.078)
(1.201)
Unit : mm (inch)
⑥Top Tape Strength
The top tape requires a peel-off force of 0.1 to 0.7N in the direction of the arrow as
illustrated below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com