Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC7202MPV70 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # PAC7202MPV70
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7202MPV70 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button PAC7202MPV70 Datasheet HTML 61Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 62Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 63Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 64Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 65Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 66Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 67Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 68Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
lxv
Preface
This reference manual provides information about the MAC7200 family of microcontroller devices, which
are made up of standard System-on-a-Chip modules and an ARM7TDMI-S™ processor core.
Document Structure
This document is part of the documentation needed to complete a design using a MAC7200 family device.
A complete set of device manuals also includes the ARM7TDMI-S core manuals:
•
ARM Architecture Reference Manual (ARM DDI-0100)
•
ARM7TDMI-S (Rev 4) Technical Reference Manual (ARM DDI 0234A)
•
MAC7200 Microcontroller Family Hardware Specifications (MAC7200EC)
NOTE
The document MAC7200EC identified above is not currently available.
Preliminary electrical and mechanical specifications for the MAC7200
family can be found in this reference manual in Chapter 4, “Signal
Description”, Appendix A, “Electrical Characteristics” and Appendix B,
“Mechanical Information”.
How To Use This Document
If the reader is new to the MAC7200 family of devices, it is recommended that the following list of
sections be read before bringing up a MAC7200 family device:
•
Chapter 1, “Introduction” — Describes the features of the MAC7200 family.
•
Chapter 4, “Signal Description” — Describes the functionality of MAC7200 family device pins
•
Chapter 5, “System Clock Description” — Describes clock generation and distribution to modules
on MAC7200 family devices.
•
Chapter 6, “Resets” — Describes the reset functionality of the MAC7200 family.
•
Chapter 7, “Exceptions” — Describes the system and interrupt exceptions of the MAC7200 family.
•
Chapter 2, “Modes of Operation” — Describes the operational modes of the MAC7200 family.
•
Chapter 9, “Device Memory Map” — Describes the memory map of the MAC7200 family devices
in various operating modes.
If the functionality of a particular peripheral is of interest, refer to the appropriate module description
(12.2, “The SPP DMA Controller Module (SPP_DMA2)” through Chapter 34, “Port Integration Module
(PIM_MAC7202)”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com