| Electronic Components Datasheet Search |
|
PAC7202MPV70 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PAC7202MPV70 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc |
|
82 / 976 page ![]() Features MAC7200 Microcontroller Family Reference Manual, Rev. 2 4 Freescale Semiconductor — Programmable I/O modes. — External transceiver assumed. • Enhanced Modular I/O Subsystem features (eMIOS) — 8 unified channels (MAC72x2) / 16 unified channels (MAC72x1), with every channel able to provide all timer functions and modes. — All channels can be enabled for eDMA service. — Channels can be individually disabled to assist with power saving. — Two or three 16-bit counter buses (A and B, or A, B, and C) for sharing time base around the module. — One global prescaler and an individual prescaler available for each channel. — Modulus counter mode on all channels. — Single action input capture or output compare modes on all channels. — Input pulse width and period measurement modes on all channels. — Double action output compare mode on all channels. — Output pulse width and frequency modulation modes on all channels. — Output pulse width modulation modes on all channels. — Center aligned output pulse width modulation with dead time insertion modes on all channels. — Pulse or edge accumulation and counting modes on all channels. — Windowed programmable time accumulation mode on all channels. — Quadrature decode modes on all channels. — General purpose I/O available on unused eMIOS pins. — Center-aligned PWM with dead-time insertion • Three Serial Peripheral Interface features (DSPI) — Full Duplex, Synchronous Transfers. — Master or Slave Operation. — Programmable Master Bit Rates. — Programmable Clock Polarity and Phase. — End-of-Transmission Interrupt Flag. — Programmable transfer Baud rate. — Programmable data frames from 4-bits to 16-bits. — Up to 6 chip select lines enable 64 external devices to be selected using external multiplexing from a single DSPI. — 8 Clock and Transfer Attributes registers. — Chip Select Strobe available as alternate function on one of the Chip Select pins for de-glitching. — Two dedicated DMA request lines on each peripheral for receive and transmit data. — FIFO for buffering up to 4 transfers on the transmit and receive side. — Queueing operation possible through use of the DMA controllers channels. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |