Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC7202MPV70 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # PAC7202MPV70
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7202MPV70 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button PAC7202MPV70 Datasheet HTML 67Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 68Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 69Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 70Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 71Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 72Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 73Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 74Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 976 page
background image
Terminology
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
lxxi
Program State
Flash array bit state that reads as a “0.”
Public Messages
Messages on the auxiliary pins for accomplishing common visibility and controllability
requirements
QDEC
Quadrature Decode
RC
Resistor-Capacitor
Receive or RX FIFO
First-In-First-Out buffer for received data
Recessive Bit
A recessive bit loses the arbitration on the CAN bus. It is transmitted as ‘1.’
Reset Sequence
Coming out of reset, the CFM will read the Flash configuration field and load specific registers.
RQB
Interrupt Request Bus
RSD
Redundant Signed Digit: architecture how the ATD does the conversion
RSM
Result saving state machine
RTI
Real Time Interrupt - A timer with an independent clock which can run in system Doze or
Pseudo-Stop mode, and can be used for system wakeup.
RWCB
Read/Write Control Bus
RWW
Read While Write.
SAIC
Single Action Input Capture
SAOC
Single Action Output Compare
SAR
Successive Approximation Register: A method to adjust a reference voltage to an input voltage
SCI
Serial Communications Interface
SCK
Serial Communications Clock
Sclock
Serial clock (FlexCAN). This is the clock obtained by dividing the clock feeding the CAN engine
(either oscillator or bus clock) by a prescaler factor. The Sclock period defines the time
quantum for CAN protocol timing.
SCM
Self Clock Mode
Serialize
To convert data from a parallel format to a serial format.
Slave
A bus slave is a device that responds to a bus transaction, but never initiates a cycle on the bus.
SMB
Serial Message Buffer, an internal buffer not accessible by the end user.
SoC
System-on-a-chip.
Soft Reset
Global reset typically used by peripherals to re-initialize some of its registers, but not all of
them.
SPI
Serial Peripheral Interface
SS
Slave Select. Signal from the SPI master to the SPI slave indicating which SPI slave device the
Master want to communicate with.
Stop Mode
This is a system low power mode in which all MCU clocks are stopped for maximum power
savings. Typically, when Stop Mode is requested, each module will put itself in a known state
and then send a Stop Acknowledge signal to inform the CPU that it can stop the clocks.
Table ii. Terminology (Continued)
Terms
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com