| Electronic Components Datasheet Search |
|
PAC7202MPV70 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PAC7202MPV70 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc |
|
20 / 976 page ![]() MAC7200 Microcontroller Family Reference Manual, Rev. 2 xx Freescale Semiconductor 18.7.4.1 Flash Block User Registers......................................................................................363 18.7.4.1.1 PFCR1 - PFLASH Configuration Register 1 ......................................................364 18.7.4.1.2 PFAPR - PFLASH Access Protection Register ...................................................366 18.7.4.1.3 PFCR2 - PFLASH Configuration Register 2 ......................................................367 18.7.4.1.4 PFSACC - PFLASH Supervisor/user ACCess ....................................................367 18.7.4.1.5 PFDACC - PFLASH Data/instruction ACCess...................................................367 18.7.4.2 Flash MCM Registers ..............................................................................................368 18.7.4.2.1 PFWACC - PFLASH Write ACCess ...................................................................368 18.7.5 Flash Access Protection ...............................................................................................368 18.7.6 Flash Program/Erase Protection and Selection............................................................372 18.7.7 Flash Programming Word Size ....................................................................................374 18.7.8 Read-while-Write (RWW) ...........................................................................................374 18.7.9 Flash Security ..............................................................................................................374 18.7.9.1 Securing the device..................................................................................................374 18.7.9.2 Unsecuring the device..............................................................................................375 18.7.10 Flash Timing ................................................................................................................375 Chapter 19 SRAM and SRAM Controller 19.1 SRAM ..............................................................................................................................377 19.1.1 SRAM Features............................................................................................................377 19.1.2 SRAM Protocol............................................................................................................377 19.1.3 SRAM External Pins....................................................................................................377 19.1.4 SRAM Bus Aborts .......................................................................................................377 19.1.5 SRAM Differences from MAC71xx............................................................................377 19.1.6 SRAM Application Usage ...........................................................................................378 19.1.6.1 SRAM Initialization.................................................................................................378 19.1.6.2 SRAM Address Mirroring .......................................................................................378 19.2 Platform RAM Array Controller (PRAM_CTL) .............................................................378 19.2.1 Introduction..................................................................................................................378 19.2.2 PRAM_CTL Interface Description..............................................................................381 19.2.2.1 Overview..................................................................................................................381 19.2.2.2 Detailed Signal Descriptions ...................................................................................382 19.2.3 Functional Description.................................................................................................385 19.2.3.1 Error Correcting Code (ECC)..................................................................................385 19.2.3.1.1 Overview .............................................................................................................385 19.2.3.2 Max Address ............................................................................................................387 19.2.3.3 Read / Write Introduction ........................................................................................387 19.2.3.4 Reads........................................................................................................................388 19.2.3.4.1 Unaligned Reads..................................................................................................388 19.2.3.5 Writes.......................................................................................................................388 19.2.3.5.1 32-bit / 64-bit Writes............................................................................................388 19.2.3.5.2 Less than 32-bit Writes ........................................................................................390 19.2.3.5.3 Unaligned Writes .................................................................................................391 19.2.3.6 Late Write Hits.........................................................................................................392 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |