Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC7202MPV70 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # PAC7202MPV70
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7202MPV70 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button PAC7202MPV70 Datasheet HTML 66Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 67Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 68Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 69Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 70Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 71Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 72Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 73Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 976 page
background image
Terminology
MAC7200 Microcontroller Family Reference Manual, Rev. 2
lxx
Freescale Semiconductor
LSB
Least Significant Bit
LVR
Low Voltage Reset
MAC
Multiply and accumulate
MADD
Multiply-and-Add unit which is responsible for the raw result adjustment
MAS
Mid Address Space. 256KByte in size. If it exists, it may contain 4 x 64KByte subdivisions of
the H7Fb Array, or 2 x 128KByte subdivisions.
match
Match an event that occurs when the value of a match register becomes equal to the value of
the selected time-base.
MC
Modulus Counter
MCU
Microcontroller Unit.
Message Buffer (MB) Internal FlexCAN data structure containing bytes received or to be transmitted to the CAN line,
as well as information about this data.
MI
Memory Interface, contains all state machines and control logic needed for operation of the
H7Fb module.
MSB
Most Significant Bit
MUX
Multiplexer
NSM
New command word state machine
NVM
Non-Volatile Memory.
OpAmp
Operational Amplifier
OPWFM
Output Pulse Width and Frequency Modulation
OPWM
Output Pulse Width Modulation
OPWMC
Center Aligned Output Pulse Width Modulation
OSCCLK
Oscillator clock
Output Compare
The modification of an output signal due to a time base match.
Ownership Trace
Messaging (OTM)
Visibility of process/function that is currently executing.
PCS
Peripheral Chip Select
PEA
Pulse/Edge Accumulation
PEC
Pulse/Edge Counting
PFLASH
Platform Flash Controller
Pipeline
Act of initiating a bus cycle while another bus cycle is in progress. Thus the bus can have
multiple bus cycles pending at one time.
PIT
Periodic Interrupt Timer
PLL
Phase Locked Loop
POR
Power on Reset
Table ii. Terminology (Continued)
Terms
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com