Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC7202MPV70 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # PAC7202MPV70
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7202MPV70 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button PAC7202MPV70 Datasheet HTML 70Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 71Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 72Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 73Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 74Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 75Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 76Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 77Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 976 page
background image
Register Descriptions
MAC7200 Microcontroller Family Reference Manual, Rev. 2
lxxiv
Freescale Semiconductor
Column Label
Row Content
Bits
Bit number, specifies the exact location of the bit field within the register. Always listed from the most
significant bit in the register to the least significant. For bit fields, the most significant and least
significant bit numbers are shown.
Name
Mnemonic name of the bit or field. For bit fields, the mnemonic is followed by bracketed numbers
specifying the size of the field.
Description
Full name of the bit or field. Includes a short definition of operational characteristics. Often contains
cross-references to detailed functional descriptions of module behaviors that are affected by a control
field or that are reflected in a status field. Followed by paragraphs listing definitions for each possible
value of the bit or field. For more complex definitions, or where bits or fields interact with other bits or
fields in various modes, tables are often embedded within the field description cell for more detailed
information.
0 single-bit value definitions
1 single-bit value definitions
0..0
first in a list of multi-bit field value definitions
.
.
.
1..1
last in a list of multi-bit-field value definitions
Table iv. Register Field Description Conventions
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
0
0000
0000
000
0000
W
Reset
————
————
———
————
—
Reg Addr
Base + Offset
15
14
13
12
11
10
9876
5432
10
R
0
0000
0000
0
FIELD
RO
0
W
WO
Reset
————
————
——
0
0
0
0
0
—
Reg Addr
Base + Offset
Figure i. Example Register (EXREG)
Table v. EXREG Field Descriptions
Bits
Name
Description
15–6
—
Reserved; always reads as zero, must be written as zero.
5–4
FIELD[1:0]
Bit field. This is a two-bit read/write field.
00 Behavior when field is written as 0b00, or status indicated when read as 0b00
01 Behavior when field is written as 0b01, or status indicated when read as 0b01
10 Behavior when field is written as 0b10, or status indicated when read as 0b10
11 Behavior when field is written as 0b11, or status indicated when read as 0b11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com