Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S1T8825X01-R0B0 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S1T8825X01-R0B0
Description  1.1GHZ DUAL PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8825X01-R0B0 Datasheet(HTML) 5 Page - Samsung semiconductor

  S1T8825X01-R0B0 Datasheet HTML 1Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1.1GHZ DUAL PLL
S1T8825
5
PRELIMINARY ( VER.2.1 )
FUNCTIONAL DESCRIPTIONS
SERIAL DATA INPUT AND TIMING
CK (Pin6), DATA (Pin7), EN (Pin8) terminals in S1T8825 are used for MCU serial data interface (MSB: 1st input
data; LSB: Last input data). Serial data controls the programmable reference divider, programmable divider (CH1),
programmable divider (CH2), and control latch separately by means of group code. Binary serial data is entered via
the DATA pin.
One bit of data is shifted into the internal shift register on the rising edge of the clock. When EN pin is high, stored
data is latched. The three terminals, CK, DATA, and EN, contain Schmitt trigger circuits to keep the data from
errors caused by noise, etc.
< Notice >
1. When power supply of S1T8825 is disconnected, CLK, DATA, EN port from MCU should be pulled low.
2. When power goes up first, R counter data should be entered earlier than N1 and N2 counter data.
3. When power goes up first, control data should be entered earlier than N1 and N2 counter data.
Figure 1.
NOTE: Start data input with MSB first
SERIAL DATA GROUP AND GROUP CODE
The S1T8825 can be controlled through 4 kinds of group selection. Each group is identified by selective a 2-bit
group code given below.
Serial Bits
Group Location
GC1 (LSB)
GC2 (LSB-1)
0
0
Control Latch
0
1
Ch 1 N Latch
1
0
Ch 2 N Latch
1
1
OSC R Latch
≥
≥
≥
≥
≥
1us
0.2us
0.2us
0.1us
0.2us
0.1us
0.2us
0.2us
EN
DATA
CK
MSB
N1 (R1)
N2 (R2)
N3 (R3)
N16 (R11)
N17 (R12)
GC2
GC1
LSB
MSB
≥
≥
≥
≥
≥
≥
≥
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com