Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S1T8825X01-R0B0 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # S1T8825X01-R0B0
Description  1.1GHZ DUAL PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8825X01-R0B0 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button S1T8825X01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 10Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 11Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 12Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 13Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 14Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1.1GHZ DUAL PLL
S1T8825
11
PRELIMINARY ( VER.2.1 )
PROGRAMMABLE REFERENCE COUNTER
This block generates the reference frequency for the PLL.
The reference divider is composed of 12-bit reference divider and a half fixed divider
Sending certain data to the reference divider allows the setting of any of 6 to 8190 divisions (multiple of two).
R = R1
× 20 + R2 × 21 + … + R12 × 211
Division ratio: 2
× R = 2 × (3~4095) = 6 ~ 8190
Data is shifted in MSB first.
Example) A 21.25MHz X-tal oscillator is connected, and divided into 25kHz steps.
(Reference frequency is 12.5kHz)
21.25 MHz
÷ 12.5 kHz = 1700
1700 = 2
× R
R = (850)10 = (1101010010)2
Division
Ratio
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
3
0
0
0
0
0
0
0
0
0
0
1
1
4
0
0
0
0
0
0
0
0
0
1
0
0
•
•
•
•
•
•
•
•
•
•
•
•
•
4095
1
1
1
1
1
1
1
1
1
1
1
1
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
GC2
"1"
GC1
"1"
MSB
LSB
Group Code
Division Ratio of the R counter, R
0
1
0
0
1
0
1
0
1
1
0
0
1
1
LSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com