Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S1T8825X01-R0B0 Datasheet(PDF) 12 Page - Samsung semiconductor

Part # S1T8825X01-R0B0
Description  1.1GHZ DUAL PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8825X01-R0B0 Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button S1T8825X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 10Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 11Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 12Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 13Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 14Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 15Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 16Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
S1T8825
1.1GHZ DUAL PLL
12
PRELINIMARY( VER.2.1 )
CHANNEL 1, CHANNEL 2 PROGRAMMABLE N COUNTER
These programmable dividers are composed of a 5-bit swallow counter (5-bit programmable divider),
12-bit programmable main counter, and two-modulus prescalers providing 64 and 66 divisions.
Sending certain data to the swallow counter and the 12-bit programmable main counter allows the setting of any of
2048 to 262142 divisions (multiple of two).
The 12-bit programmable divider and swallow counter are set by each channel;
each channel is identified by a group code.
5-BIT SWALLOW COUNTER DIVISION RATIO (A COUNTER)
12-BIT MAIN COUNTER DIVISION RATIO (B COUNTER)
B = N6
× 20 + N7 × 21 + N7 × 22 … N17× 211
Division ratio: 3 to 4095
Data is shifted in MSB first
Figure 5.
A = N1
× 20 + N2 × 21 … N5 × 24
Division ratio: 0 to 31, B
≥ A
Division Ratio
(A)
N5
N4
N3
N2
N1
0
0
0
0
0
0
1
0
0
0
0
1
•
•
•
•
•
•
31
1
1
1
1
1
Division
Ratio (B)
N17
N16
N15
N14
N13
N12
N11
N10
N9
N8
N7
N6
3
0
0
0
0
0
0
0
0
0
0
1
1
4
0
0
0
0
0
0
0
0
0
0
0
0
•
•
•
•
•
•
•
•
•
•
•
•
•
4095
1
1
1
1
1
1
1
1
1
1
1
1
N1
N2
N3
N4
N5
N6
N7
N8
N9
N10
N11
N12
N13
N14
N15
N16
N17
N18
N19
MSB
Swallow counter
Division Ratio of the N Counter, N
main counter
Group Code
CH1 = "10"
CH2 = "01"
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com