Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S1T8825X01-R0B0 Datasheet(PDF) 15 Page - Samsung semiconductor

Part # S1T8825X01-R0B0
Description  1.1GHZ DUAL PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8825X01-R0B0 Datasheet(HTML) 15 Page - Samsung semiconductor

Back Button S1T8825X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 10Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 11Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 12Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 13Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 14Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 15Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 16Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
1.1GHZ DUAL PLL
S1T8825
15
PRELIMINARY ( VER.2.1 )
TYPICAL APPLICATION CIRCUIT
VCO
VCO
16
Fin2
15
V
CC
14
CP2
13
GND
12
SW
11
OSCI
10
OSCO
9
BO
Fin1
1
V
CC
2
GND
4
LD
5
CLK
6
DATA
7
EN
8
CP1
3
1nF
10uF
10nF
10nF
7.5k
0.1
µF
30k
5k
10nF
V
CC
1nF
10nF
2.2k
10nF
0.1
µF
51k
10nF
8.2k
50pF
47pF
68p
1nF
2n'd MIX
From
Controller
20.945
MHz
V
CC
KB8825
MOD
100p
+
S1T8825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com