Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S1T8825X01-R0B0 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S1T8825X01-R0B0
Description  1.1GHZ DUAL PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8825X01-R0B0 Datasheet(HTML) 1 Page - Samsung semiconductor

  S1T8825X01-R0B0 Datasheet HTML 1Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.1GHZ DUAL PLL
S1T8825
1
PRELIMINARY ( VER.2.1 )
INTRODUCTION
The S1T8825 is a high performance dual frequency synthesizer with
two integrated high frequency pre-scalers for RF operation up to 1.1
GHz.
The S1T8825 is composed of modulus pre-scalers providing 64 and
66, no dead-zone PFD, selectable charge pump current, selectable
power down mode circuits, lock detector output, and loop filter’s time
constant switch.
It is fabricated using the ASP5HB Bi-CMOS process and is available
16-TSSOP with surface mount plastic packaging. Serial data is trans-
ferred into the S1T8825 via three-wire interface (CK, DATA, EN).
FEATURES
•
Two systems for receiver and transmitter
•
Very low operating current consumption: Icc = Typ. 5.5mA @ 3.0V
•
Low operating power supply voltage : 2.2 ~ 5.5V ( 200MHz ~ 550MHz Operating )
2.7 ~ 3.6V ( 550MHz ~ 1.1GHz Operating )
•
Modulus pre-scaler: 64 / 66
•
No dead-zone PFD
•
Colpitts type local oscillation
•
Selectable charge pump current
•
Selectable power down mode
•
TSSOP 16-pin package (0.65 mm pitch)
ORDERING INFORMATION
+: New Product
APPLICATIONS
•
Cordless telephone systems
•
Portable wireless communications (PCS)
•
Wireless Local Area Networks (WLANs)
•
Other wireless communication systems
Device
Package
Operating Temperature
+S1T8825X01-R0B0
16
−TSSOP−0044
−30 °C to + 85 °C
16
−TSSOP−0044


Similar Part No. - S1T8825X01-R0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8825B SAMSUNG-S1T8825B Datasheet
275Kb / 16P
1.3GHZ DUAL PLL
S1T8825B01-R0B0 SAMSUNG-S1T8825B01-R0B0 Datasheet
275Kb / 16P
1.3GHZ DUAL PLL
More results

Similar Description - S1T8825X01-R0B0

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64811AGP MITSUBISHI-M64811AGP Datasheet
47Kb / 9P
1.1GHz/500MHz DUAL PLL FREQUENCY SYNTHESIZER FOR DIGITAL CELLULAR PHONE
logo
Samsung semiconductor
KB8825 SAMSUNG-KB8825 Datasheet
606Kb / 21P
1.1GHZ DUAL PLL
logo
Sony Corporation
CXA1786N SONY-CXA1786N Datasheet
183Kb / 12P
1.1GHz-band PLL IC for Mobile Communications
logo
List of Unclassifed Man...
SPT104 ETC1-SPT104 Datasheet
98Kb / 6P
DC TO 1.1GHz LINEAR AMPLIFIER
logo
fujitsu semiconductor
MB1503 FUJITSU-MB1503 Datasheet
125Kb / 15P
LOW-POWER PLL FREQUENCY SYNTHESIZER WITH POWER SAVE FUNCTION (1.1GHz)
logo
Motorola, Inc
MC12022A MOTOROLA-MC12022A Datasheet
74Kb / 8P
1.1GHz Dual Modulus Prescaler
MC12026A MOTOROLA-MC12026A Datasheet
66Kb / 6P
1.1GHz Dual Modulus Prescaler
logo
List of Unclassifed Man...
GP214D ETC2-GP214D Datasheet
955Kb / 15P
1.4GHz DUAL PLL
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
1.1GHz PLL Frequency Synthesizers
logo
Fairchild Semiconductor
KH104 FAIRCHILD-KH104 Datasheet
268Kb / 6P
DC to 1.1GHz Linear Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com