Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25VF080B Datasheet(PDF) 30 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 30 Page - Microchip Technology

Back Button SST25VF080B_11 Datasheet HTML 26Page - Microchip Technology SST25VF080B_11 Datasheet HTML 27Page - Microchip Technology SST25VF080B_11 Datasheet HTML 28Page - Microchip Technology SST25VF080B_11 Datasheet HTML 29Page - Microchip Technology SST25VF080B_11 Datasheet HTML 30Page - Microchip Technology SST25VF080B_11 Datasheet HTML 31Page - Microchip Technology SST25VF080B_11 Datasheet HTML 32Page - Microchip Technology SST25VF080B_11 Datasheet HTML 33Page - Microchip Technology SST25VF080B_11 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
©2011 Silicon Storage Technology, Inc.
S71296-05-000
02/11
30
8 Mbit SPI Serial Flash
SST25VF080B
Data Sheet
A Microchip Technology Company
Product Ordering Information
SST
25
VF
080B
-
80
-
4C
-
S2AE
XX
XX
XXXX
-
XX
-
XX
-
XXXX
Environmental Attribute
E1 = non-Pb / non-Sn contact (lead) finish
F2 = non-Pb / non-Sn contact (lead) finish:
Nickel plating with Gold top (outer) layer
Package Modifier
A = 8 leads or contacts
Package Type
S = SOIC 150 mil body width
S2 = SOIC 200 mil body width
Q = WSON
P= PDIP 300 mil body width
Temperature Range
C = Commercial = 0°C to +70°C
I = Industrial = -40°C to +85°C
Minimum Endurance
4 = 10,000 cycles
Operating Frequency
50 = 50 MHz
80 = 80 MHz
Device Density
080 = 8 Mbit
Voltage
V = 2.7-3.6V
Product Series
25 = Serial Peripheral Interface flash
memory
1. Environmental suffix “E” denotes non-Pb solder.
SST non-Pb solder devices are “RoHS Compliant”.
2. Environmental suffix “F” denotes non-Pb/non-SN
solder. SST non-Pb/non-Sn solder devices are
“RoHS Compliant”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com