Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25VF080B Datasheet(PDF) 19 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 19 Page - Microchip Technology

Back Button SST25VF080B_11 Datasheet HTML 15Page - Microchip Technology SST25VF080B_11 Datasheet HTML 16Page - Microchip Technology SST25VF080B_11 Datasheet HTML 17Page - Microchip Technology SST25VF080B_11 Datasheet HTML 18Page - Microchip Technology SST25VF080B_11 Datasheet HTML 19Page - Microchip Technology SST25VF080B_11 Datasheet HTML 20Page - Microchip Technology SST25VF080B_11 Datasheet HTML 21Page - Microchip Technology SST25VF080B_11 Datasheet HTML 22Page - Microchip Technology SST25VF080B_11 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
©2011 Silicon Storage Technology, Inc.
S71296-05-000
02/11
19
8 Mbit SPI Serial Flash
SST25VF080B
Data Sheet
A Microchip Technology Company
Write-Enable (WREN)
The Write-Enable (WREN) instruction sets the Write-Enable-Latch bit in the Status Register to 1 allow-
ing Write operations to occur. The WREN instruction must be executed prior to any Write (Program/
Erase) operation. The WREN instruction may also be used to allow execution of the Write-Status-Reg-
ister (WRSR) instruction; however, the Write-Enable-Latch bit in the Status Register will be cleared
upon the rising edge CE# of the WRSR instruction. CE# must be driven high before the WREN instruc-
tion is executed.
Figure 17:Write Enable (WREN) Sequence
Write-Disable (WRDI)
The Write-Disable (WRDI) instruction resets the Write-Enable-Latch bit and AAI bit to 0 disabling any
new Write operations from occurring. The WRDI instruction will not terminate any programming opera-
tion in progress. Any program operation in progress may continue up to TBP after executing the WRDI
instruction. CE# must be driven high before the WRDI instruction is executed.
Figure 18:Write Disable (WRDI) Sequence
CE#
SO
SI
SCK
01 2 3 4 5 6 7
06
HIGH IMPEDANCE
MODE 0
MODE 3
1296 WREN.0
MSB
CE#
SO
SI
SCK
01 2 3 4 5 6 7
04
HIGH IMPEDANCE
MODE 0
MODE 3
1296 WRDI.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com