Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25VF080B Datasheet(PDF) 35 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 35 Page - Microchip Technology

Back Button SST25VF080B_11 Datasheet HTML 28Page - Microchip Technology SST25VF080B_11 Datasheet HTML 29Page - Microchip Technology SST25VF080B_11 Datasheet HTML 30Page - Microchip Technology SST25VF080B_11 Datasheet HTML 31Page - Microchip Technology SST25VF080B_11 Datasheet HTML 32Page - Microchip Technology SST25VF080B_11 Datasheet HTML 33Page - Microchip Technology SST25VF080B_11 Datasheet HTML 34Page - Microchip Technology SST25VF080B_11 Datasheet HTML 35Page - Microchip Technology SST25VF080B_11 Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
©2011 Silicon Storage Technology, Inc.
S71296-05-000
02/11
35
8 Mbit SPI Serial Flash
SST25VF080B
Data Sheet
A Microchip Technology Company
Figure 31:8-lead Plastic Dual In-Line Pins (PDIP)
SST Package Code: PA
8-pdip-PA-1.0
Note: 1. Complies with JEDEC publication 95 MS-001 BA dimensions, although some dimensions may be more stringent.
2. All linear dimensions are in inches (min/max).
3. Dimensions do not include mold flash. Maximum allowable mold flash is .010 inches.
TOP VIEW
SIDE VIEW
END VIEW
0.25 inches
0.355
0.400
0.245
0.260
0.100 BSC
0.056
0.064
0.014
0.022
0.126
0.142
0.015 min
0.115
0.150
0.300
0.325
0.335
0.375
0.008
0.014
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com