Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25VF080B Datasheet(PDF) 16 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 16 Page - Microchip Technology

Back Button SST25VF080B_11 Datasheet HTML 12Page - Microchip Technology SST25VF080B_11 Datasheet HTML 13Page - Microchip Technology SST25VF080B_11 Datasheet HTML 14Page - Microchip Technology SST25VF080B_11 Datasheet HTML 15Page - Microchip Technology SST25VF080B_11 Datasheet HTML 16Page - Microchip Technology SST25VF080B_11 Datasheet HTML 17Page - Microchip Technology SST25VF080B_11 Datasheet HTML 18Page - Microchip Technology SST25VF080B_11 Datasheet HTML 19Page - Microchip Technology SST25VF080B_11 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
©2011 Silicon Storage Technology, Inc.
S71296-05-000
02/11
16
8 Mbit SPI Serial Flash
SST25VF080B
Data Sheet
A Microchip Technology Company
4-KByte Sector-Erase
The Sector-Erase instruction clears all bits in the selected 4 KByte sector to FFH. A Sector-Erase
instruction applied to a protected memory area will be ignored. Prior to any Write operation, the Write-
Enable (WREN) instruction must be executed. CE# must remain active low for the duration of any com-
mand sequence. The Sector-Erase instruction is initiated by executing an 8-bit command, 20H, fol-
lowed by address bits [A23-A0]. Address bits [AMS-A12](AMS = Most Significant address) are used to
determine the sector address (SAX), remaining address bits can be VIL or VIH. CE# must be driven high
before the instruction is executed. The user may poll the Busy bit in the software status register or wait
TSE for the completion of the internal self-timed Sector-Erase cycle. See Figure 12 for the Sector-
Erase sequence.
Figure 12:Sector-Erase Sequence
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
20
HIGH IMPEDANCE
15 16
23 24
31
MODE 0
MODE 3
1296 SecErase.0
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com