Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25VF080B Datasheet(PDF) 12 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 12 Page - Microchip Technology

Back Button SST25VF080B_11 Datasheet HTML 8Page - Microchip Technology SST25VF080B_11 Datasheet HTML 9Page - Microchip Technology SST25VF080B_11 Datasheet HTML 10Page - Microchip Technology SST25VF080B_11 Datasheet HTML 11Page - Microchip Technology SST25VF080B_11 Datasheet HTML 12Page - Microchip Technology SST25VF080B_11 Datasheet HTML 13Page - Microchip Technology SST25VF080B_11 Datasheet HTML 14Page - Microchip Technology SST25VF080B_11 Datasheet HTML 15Page - Microchip Technology SST25VF080B_11 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
©2011 Silicon Storage Technology, Inc.
S71296-05-000
02/11
12
8 Mbit SPI Serial Flash
SST25VF080B
Data Sheet
A Microchip Technology Company
Byte-Program
The Byte-Program instruction programs the bits in the selected byte to the desired data. The selected
byte must be in the erased state (FFH) when initiating a Program operation. A Byte-Program instruction
applied to a protected memory area will be ignored.
Prior to any Write operation, the Write-Enable (WREN) instruction must be executed. CE# must remain
active low for the duration of the Byte-Program instruction. The Byte-Program instruction is initiated by
executing an 8-bit command, 02H, followed by address bits [A23-A0]. Following the address, the data is
input in order from MSB (bit 7) to LSB (bit 0). CE# must be driven high before the instruction is exe-
cuted. The user may poll the Busy bit in the software status register or wait TBP for the completion of
the internal self-timed Byte-Program operation. See Figure 7 for the Byte-Program sequence.
Figure 7: Byte-Program Sequence
1296 ByteProg.0
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
DIN
02
HIGH IMPEDANCE
15 16
23 24
31 32
39
MODE 0
MODE 3
MSB
MSB
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com