Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25VF080B Datasheet(PDF) 20 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 20 Page - Microchip Technology

Back Button SST25VF080B_11 Datasheet HTML 16Page - Microchip Technology SST25VF080B_11 Datasheet HTML 17Page - Microchip Technology SST25VF080B_11 Datasheet HTML 18Page - Microchip Technology SST25VF080B_11 Datasheet HTML 19Page - Microchip Technology SST25VF080B_11 Datasheet HTML 20Page - Microchip Technology SST25VF080B_11 Datasheet HTML 21Page - Microchip Technology SST25VF080B_11 Datasheet HTML 22Page - Microchip Technology SST25VF080B_11 Datasheet HTML 23Page - Microchip Technology SST25VF080B_11 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
©2011 Silicon Storage Technology, Inc.
S71296-05-000
02/11
20
8 Mbit SPI Serial Flash
SST25VF080B
Data Sheet
A Microchip Technology Company
Enable-Write-Status-Register (EWSR)
The Enable-Write-Status-Register (EWSR) instruction arms the Write-Status-Register (WRSR)
instruction and opens the status register for alteration. The Write-Status-Register instruction must be
executed immediately after the execution of the Enable-Write-Status-Register instruction. This two-
step instruction sequence of the EWSR instruction followed by the WRSR instruction works like SDP
(software data protection) command structure which prevents any accidental alteration of the status
register values. CE# must be driven low before the EWSR instruction is entered and must be driven
high before the EWSR instruction is executed.
Write-Status-Register (WRSR)
The Write-Status-Register instruction writes new values to the BP3, BP2, BP1, BP0, and BPL bits of
the status register. CE# must be driven low before the command sequence of the WRSR instruction is
entered and driven high before the WRSR instruction is executed. See Figure 19 for EWSR or WREN
and WRSR instruction sequences.
Executing the Write-Status-Register instruction will be ignored when WP# is low and BPL bit is set to
“1”. When the WP# is low, the BPL bit can only be set from “0” to “1” to lock-down the status register,
but cannot be reset from “1” to “0”. When WP# is high, the lock-down function of the BPL bit is disabled
and the BPL, BP0, and BP1 and BP2 bits in the status register can all be changed. As long as BPL bit
is set to 0 or WP# pin is driven high (VIH) prior to the low-to-high transition of the CE# pin at the end of
the WRSR instruction, the bits in the status register can all be altered by the WRSR instruction. In this
case, a single WRSR instruction can set the BPL bit to “1” to lock down the status register as well as
altering the BP0, BP1, and BP2 bits at the same time. See Table 2 for a summary description of WP#
and BPL functions.
Figure 19:Enable-Write-Status-Register (EWSR) or Write-Enable (WREN) and
Write-Status-Register (WRSR) Sequence
1296 EWSR.0
MODE 3
HIGH IMPEDANCE
MODE 0
STATUS
REGISTER IN
7 6 5 4321 0
MSB
MSB
MSB
01
MODE 3
SCK
SI
SO
CE#
MODE 0
50 or 06
0 1 2 3 4 5 6 7
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com