Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562T7DDFM Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # R5F562T7DDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T7DDFM Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button R5F562T7DDFM Datasheet HTML 75Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 76Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 77Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 78Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 79Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 80Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 81Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 82Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 79 of 92
Apr 20, 2011
RX62T Group
5. Electrical Characteristics
Note 1. The conversion time includes the sampling time and the comparison time. As the test conditions, the number of sampling states
is indicated.
Table 5.14
12-Bit A/D Conversion Characteristics
Note:Items for which test conditions are not specifically stated in the table below have the same values under conditions 1 to 3.
Condition 1: VCC = PLLVCC = 2.7 to 3.6 V, VSS = PLLVSS = AVSS0 = AVSS = VREFL0 = 0 V
AVCC0 = AVCC = 3.0 to 3.6 V, VREFH0 = 3.0 V to AVCC0, VREF = 3.0 V to AVCC
Ta = -40 to +85°C, ICLK = 8 to 100 MHz, PCLK = 8 to 50 MHz
Item
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
12
12
12
Bit
Conversion time*1
(AD clock = 25-MHz operation)
2.0
-
-
s
Sampling 20 states
Analog input capacitance
-
-
6
pF
Integral nonlinearity error
-
-
4.0
LSB
Offset error
-
-
7.5
LSB
Full-scale error
-
-
7.5
LSB
Quantization error
-
0.5
-
LSB
Absolute
accuracy
When a sample-and-hold circuit
is in use
--
8.0
LSB
AVin = 0.25 to AVREFH -
0.25
When a sample-and-hold circuit
is not in use
--
8.0
LSB
AVin = AVREFL to AVREFH
Permissible signal source impedance
-
-
3.0
k
Condition 2: VCC = PLLVCC = 2.7 to 3.6 V, VSS = PLLVSS = AVSS0 = AVSS = VREFL0 = 0 V
AVCC0 = AVCC = 4.0 to 5.5 V, VREFH0 = 4.0 V to AVCC0, VREF = 4.0 V to AVCC
Condition 3: VCC = PLLVCC = 4.0 to 5.5 V, VSS = PLLVSS = AVSS0 = AVSS = VREFL0 = 0 V
AVCC0 = AVCC = 4.0 to 5.5 V, VREFH0 = 4.0 V to AVCC0, VREF = 4.0 V to AVCC
Ta = -40 to +85°C. Ta is the same under conditions 1 to 3. ICLK = 8 to 100 MHz, PCLK = 8 to 50 MHz.
Item
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
12
12
12
Bit
Conversion time*1
(AD clock = 25-MHz operation)
1.0
-
-
s
Sampling 20 states
Analog input capacitance
-
-
6
pF
Integral nonlinearity error
-
-
4.0
LSB
Offset error
-
-
7.5
LSB
Full-scale error
-
-
7.5
LSB
Quantization error
-
0.5
-
LSB
Absolute
accuracy
When a sample-and-hold circuit
is in use
--
8.0
LSB
AVin = 0.25 to AVREFH -
0.25
When a sample-and-hold circuit
is not in use
--
8.0
LSB
AVin = AVREFL to AVREFH
Permissible signal source impedance
-
-
3.0
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com