Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562T7DDFM Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F562T7DDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T7DDFM Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F562T7DDFM Datasheet HTML 1Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 2Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 3Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 4Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 5Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 6Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 7Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 8Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 3 of 92
Apr 20, 2011
RX62T Group
1. Overview
Interrupt
Interrupt control unit
(ICU)
 Peripheral function interrupts: 101 sources
 External interrupts: 9 (NMI and IRQ0 to IRQ7 pins)
 Non-maskable interrupts: 3 (the NMI pin, oscillation stop detection interrupt, and voltage-
monitoring interrupt)
 16 levels specifiable for the order of priority
Data transfer
Data transfer
controller (DTC)
 Three transfer modes: Normal transfer, repeat transfer, and block transfer
 Activation sources: Software trigger, external interrupts, and interrupt requests from
peripheral functions
I/O ports
Programmable I/O
ports
I/O port pins for devices in the 112-pin LQFP/100-pin LQFP/80-pin LQFP/64-pin LQFP
 I/O: 61/55/44/37
 Input only: 21/21/13/9
 Open-drain outputs: 2/2/2/2 (I2C bus interface pins)
 Large-current outputs: 12/12/6/6(0) (MTU3 and GPT pins)
The 5-V version of the 64-pin product does not have large-current outputs.
 Reading out the states of pins is always possible.
Timers
Multi-function timer
pulse unit 3 (MTU3)
 16 bits x 8 channels
 Up to 24 pulse inputs/outputs and three pulse inputs
 Select from among six to eight counter-input clock signals for each channel (ICLK/1,
ICLK/4, ICLK/16, ICLK/64, ICLK/256, ICLK/1024, MTCLKA, MTCLKB, MTCLKC,
MTCLKD) other than channel 5, for which only four signals are available.
 24 output compare or input capture registers
 Counter clearing (clearing is synchronizable with compare match or input capture)
 Simultaneous writing to multiple timer counters (TCNT)
 Input to and output from all registers in synchronization with counter operation
 Buffered operation
 Cascade-connected operation
 38 kinds of interrupt source
 Automatic transfer of register data
 Pulse output modes
Toggled, PWM, complementary PWM, and reset synchronous PWM
 Complementary PWM output mode
Outputs non-overlapping waveforms for controlling 3-phase inverters
Automatic specification of dead times
PWM duty cycle: Selectable as any value from 0% to 100%
Delay can be applied to requests for A/D conversion.
Non-generation of interrupt requests at peak or trough values of counters can be
selected.
Double buffering
 Reset-synchronous PWM mode
Three PWM waveforms and corresponding inverse waveforms are output with the
desired duty cycles.
 Phase-counting mode
 Counter functionality for dead-time compensation
 Generation of triggers for A/D converters
 Differential timing for initiation of A/D conversion
Port output enable 3
(POE3)
 Control of the high-impedance state of the MTU3 and GPT’s waveform output pins
5 pins for input from signal sources: POE0, POE4, POE8, POE10, POE11
Initiation on detection of short-circuited outputs (detection of simultaneous switching of
large-current pins to the active level)
Initiation by comparator-detection of analog level input to the 12-bit A/D converter
Initiation by oscillation-stoppage detection
Initiation by software
 Selection of which output pins should be placed in the high-impedance state at the time
of each POE input or comparator detection
Table 1.1
Outline of Specifications (2 / 5)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com