Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562T7DDFM Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F562T7DDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T7DDFM Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F562T7DDFM Datasheet HTML 4Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 5Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 6Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 7Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 8Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 9Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 10Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 11Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 8 of 92
Apr 20, 2011
RX62T Group
1. Overview
1.2
List of Products
Table 1.3 is a list of products, and Figure 1.1 shows how to read the product part no.
Table 1.3
List of Products
Group
Part No.
Package
Operating
Frequency
(Max.)
ROM
Capacity
RAM
Capacity
Data
Flash
Operating Voltage
CAN
Package Type
Pin Pitch
Package Code
VCC/
PLLVCC
AVCC/
AVCC0
RX62T
R5F562TAADFH
LQFP2020-112
0.65 mm
PLQP0112JA-A
100 MHz
256
Kbytes
16
Kbytes
32K
bytes
4.0 to 5.5 V
4.0 to 5.5 V
Supp
orted
R5F562TAADFP
LQFP1414-100
0.5 mm
PLQP0100KB-A
R5F562TAADFF
LQFP1414-80
0.65 mm
PLQP0080JA-A
R5F562TAADFM
LQFP1010-64
0.5 mm
PLQP0064KB-A
R5F562T7ADFH
LQFP2020-112
0.65 mm
PLQP0112JA-A
128
Kbytes
8
Kbytes
8K
bytes
R5F562T7ADFP
LQFP1414-100
0.5 mm
PLQP0100KB-A
R5F562T7ADFF
LQFP1414-80
0.65 mm
PLQP0080JA-A
R5F562T7ADFM
LQFP1010-64
0.5 mm
PLQP0064KB-A
R5F562T6ADFF
LQFP1414-80
0.65 mm
PLQP0080JA-A
64
Kbytes
8
Kbytes
R5F562T6ADFM
LQFP1010-64
0.5 mm
PLQP0064KB-A
R5F562TABDFH
LQFP2020-112
0.65 mm
PLQP0112JA-A
256
Kbytes
16
Kbytes
32K
bytes
2.7 to 3.6 V
3.0 to 3.6 V
or
4.0 to 5.5 V
R5F562TABDFP
LQFP1414-100
0.5 mm
PLQP0100KB-A
R5F562TABDFF
LQFP1414-80
0.65 mm
PLQP0080JA-A
R5F562TABDFM
LQFP1010-64
0.5 mm
PLQP0064KB-A
R5F562T7BDFH
LQFP2020-112
0.65 mm
PLQP0112JA-A
128
Kbytes
8
Kbytes
8K
bytes
R5F562T7BDFP
LQFP1414-100
0.5 mm
PLQP0100KB-A
R5F562T7BDFF
LQFP1414-80
0.65 mm
PLQP0080JA-A
R5F562T7BDFM
LQFP1010-64
0.5 mm
PLQP0064KB-A
R5F562T6BDFF
LQFP1414-80
0.65 mm
PLQP0080JA-A
64
Kbytes
8
Kbytes
R5F562T6BDFM
LQFP1010-64
0.5 mm
PLQP0064KB-A
R5F562TADDFH
LQFP2020-112
0.65 mm
PLQP0112JA-A
256
Kbytes
16
Kbytes
32K
bytes
4.0 to 5.5 V
4.0 to 5.5 V
Not
supp
orted
R5F562TADDFP
LQFP1414-100
0.5 mm
PLQP0100KB-A
R5F562TADDFF
LQFP1414-80
0.65 mm
PLQP0080JA-A
R5F562TADDFM
LQFP1010-64
0.5 mm
PLQP0064KB-A
R5F562T7DDFH
LQFP2020-112
0.65 mm
PLQP0112JA-A
128
Kbytes
8
Kbytes
8K
bytes
R5F562T7DDFP
LQFP1414-100
0.5 mm
PLQP0100KB-A
R5F562T7DDFF
LQFP1414-80
0.65 mm
PLQP0080JA-A
R5F562T7DDFM
LQFP1010-64
0.5 mm
PLQP0064KB-A
R5F562T6DFFF
LQFP1414-80
0.65 mm
PLQP0080JA-A
64
Kbytes
8
Kbytes
R5F562T6DDFM
LQFP1010-64
0.5 mm
PLQP0064KB-A
R5F562TAEDFH
LQFP2020-112
0.65 mm
PLQP0112JA-A
256
Kbytes
16
Kbytes
32K
bytes
2.7 to 3.6 V
3.0 to 3.6 V
or
4.0 to 5.5 V
R5F562TAEDFP
LQFP1414-100
0.5 mm
PLQP0100KB-A
R5F562TAEDFF
LQFP1414-80
0.65 mm
PLQP0080JA-A
R5F562TAEDFM
LQFP1010-64
0.5 mm
PLQP0064KB-A
R5F562T7EDFH
LQFP2020-112
0.65 mm
PLQP0112JA-A
128
Kbytes
8
Kbytes
8K
bytes
R5F562T7EDFP
LQFP1414-100
0.5 mm
PLQP0100KB-A
R5F562T7EDFF
LQFP1414-80
0.65 mm
PLQP0080JA-A
R5F562T7EDFM
LQFP1010-64
0.5 mm
PLQP0064KB-A
R5F562T6EDFF
LQFP1414-80
0.65 mm
PLQP0080JA-A
64
Kbytes
8
Kbytes
R5F562T6EDFM
LQFP1010-64
0.5 mm
PLQP0064KB-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com