Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8C Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8C
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8C Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8C Datasheet HTML 38Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 39Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 40Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 41Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 42Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 43Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 44Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 45Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 178 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
42
Freescale Semiconductor
Electrical Characteristics
4.5.3
LVIO I/O AC Electrical Characteristics
AC electrical characteristics for LVIO I/O in slow and fast modes are presented in the Table 25 and
Table 26, respectively. Note that the fast or slow I/O behavior is determined by the appropriate control bit
in the IOMUXC control registers.
Output AC differential cross point voltage4
Vox(ac)
—
Vref – 0.15
—
Vref + 0.15
V
Single output slew rate
tsr
At 25
Ω to Vref
2.5
—
5
V/ns
Skew between pad rise/fall asymmetry +
skew caused by SSN
tSKD
clk=266MHz
clk=400MHz
——
0.2
0.1
ns
1 Note that the JEDEC JESD79_3C specification supersedes any specification in this document.
2 Vid(ac) specifies the input differential voltage |Vtr-Vcp| required for switching, where Vtr is the “true” input signal and Vcp is
the “complementary” input signal. The Minimum value is equal to Vih(ac) – Vil(ac).
3 The typical value of Vix(ac) is expected to be about 0.5 * OVDD. and Vix(ac) is expected to track variation of OVDD. Vix(ac)
indicates the voltage at which differential input signal must cross.
4 The typical value of Vox(ac) is expected to be about 0.5 * OVDD and Vox(ac) is expected to track variation in OVDD. Vox(ac)
indicates the voltage at which differential output signal must cross.
Table 25. LVIO I/O AC Parameters in Slow Mode
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Transition Times1
1 Hysteresis mode is recommended for inputs with transition times greater than 25 ns.
trm
—
—
—
25
ns
Table 24. LPDDR2 I/O DDR3 mode AC Characteristics1 (continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com