Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8C Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8C
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8C Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8C Datasheet HTML 10Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 11Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 12Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 13Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 14Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 15Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 16Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 17Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 178 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
14
Freescale Semiconductor
Modules List
SDMA
Smart Direct
Memory Access
System
Control
Peripherals
The SDMA is multi-channel flexible DMA engine. It helps in maximizing
system performance by off loading various cores in dynamic data routing.
The SDMA features list is as follows:
• Powered by a 16-bit instruction-set micro-RISC engine
• Multi-channel DMA supports up to 32 time-division multiplexed DMA
channels
• 48 events with total flexibility to trigger any combination of channels
• Memory accesses including linear, FIFO, and 2D addressing
• Shared peripherals between ARM and SDMA
• Very fast context-switching with two-level priority-based preemptive
multi-tasking
• DMA units with auto-flush and prefetch capability
• Flexible address management for DMA transfers (increment, decrement,
and no address changes on source and destination address)
• DMA ports can handle unidirectional and bidirectional flows (copy mode)
• Up to 8-word buffer for configurable burst transfers to / from the EXTMC
• Support of byte swapping and CRC calculations
• A library of scripts and API is available
SECRAM
Secure /
Non-secure RAM
Internal
Memory
Secure / non-secure Internal RAM, controlled by SCC.
SJC
Secure JTAG
Interface
System
Control
Peripherals
JTAG manipulation is a known hacker’s method of executing unauthorized
program code, getting control over secure applications, and running code in
privileged modes. The JTAG port provides a debug access to several
hardware blocks including the ARM processor and the system bus.
The JTAG port must be accessible during platform initial laboratory
bring-up, manufacturing tests and troubleshooting, as well as for software
debugging by authorized entities. However, in order to properly secure the
system, unauthorized JTAG usage should be strictly forbidden.
In order to prevent JTAG manipulation while allowing access for
manufacturing tests and software debugging, the i.MX53xA processor
incorporates a mechanism for regulating JTAG access. SJC provides four
different JTAG security modes that can be selected through an e-fuse
configuration.
SPBA
Shared
Peripheral Bus
Arbiter
System
Control
Peripherals
SPBA (shared peripheral bus arbiter) is a two-to-one IP bus interface (IP
bus) arbiter.
SPDIF
Sony Philips
Digital Interface
Multimedia
Peripherals
A standard digital audio transmission protocol developed jointly by the Sony
and Philips corporations. Both transmitter and receiver functionalists are
supported.
Table 2. i.MX53xA Digital and Analog Blocks (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com