Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8C Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8C
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8C Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8C Datasheet HTML 14Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 15Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 16Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 17Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 18Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 19Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 20Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 21Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 178 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
18
Freescale Semiconductor
Electrical Characteristics
4.1.1
Absolute Maximum Ratings
CAUTION
Stresses beyond those listed under Table 4 may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device
at these or any other conditions beyond those indicated under Table 6 is not
implied. Exposure to absolute-maximum-rated conditions for extended
periods may affect device reliability.
Table 3. i.MX53xA Chip-Level Conditions
For these characteristics, …
Topic appears …
Absolute Maximum Ratings
Table 4 on page 18
TEPBGA-2 Package Thermal Resistance Data
Table 5 on page 19
i.MX53xA Operating Ranges
Table 6 on page 20
External Clock Sources
Table 7 on page 22
Maximal Supply Currents
Table 8 on page 22
USB Interface Current Consumption
Table 9 on page 24
Table 4. Absolute Maximum Ratings
Parameter Description
Symbol
Min
Max
Unit
Peripheral Core Supply Voltage
VCC
–0.3
1.35
V
ARM Core Supply Voltage
VDDGP
–0.3
1.35
V
Supply Voltage UHVIO
Supplies denoted as I/O Supply
–0.5
3.6
V
Supply Voltage for non UHVIO
Supplies denoted as I/O Supply
–0.5
3.3
V
USB VBUS
VBUS
—
5.25
V
Input voltage on USB_OTG_DP, USB_OTG_DN,
USB_H1_DP, USB_H1_DN pins
USB_DP/USB_DN
–0.3
3.631
1 USB_DN and USB_DP can tolerate 5 V for up to 24 hours.
V
Input/Output Voltage Range
Vin/Vout
–0.5
OVDD +0.32
2 The term OVDD in this section refers to the associated supply rail of an input or output. The association is described in
Table 113 on page 156. The maximum range can be superseded by the DC tables.
V
ESD Damage Immunity:
Vesd
V
• Human Body Model (HBM)
• Charge Device Model (CDM)
—
—
2000
500
Storage Temperature Range
TSTORAGE
–40
150
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com