Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8C Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8C
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8C Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8C Datasheet HTML 90Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 91Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 92Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 93Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 94Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 95Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 96Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 97Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 178 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
94
Freescale Semiconductor
Electrical Characteristics
The maximal accuracy of UP/DOWN edge of IPP_DATA is:
The DISP_CLK_PERIOD, DI_CLK_PERIOD parameters are programmed through the registers.
Figure 50 depicts the synchronous display interface timing for access level. The DISP_CLK_DOWN and
DISP_CLK_UP parameters are set through the Register. Table 61 lists the synchronous display interface
timing characteristics.
Figure 50. Synchronous Display Interface Timing Diagram—Access Level
Table 61. Synchronous Display Interface Timing Characteristics (Access Level)
ID
Parameter
Symbol
Min
Typ1
1The exact conditions have not been finalized, but will likely match the current customer requirement for their specific display.
These conditions may be chip specific.
Max
Unit
IP16
Display interface clock
low time
Tckl
Tdicd-Tdicu–1.24
Tdicd2–Tdicu3
Tdicd–Tdicu+1.24
ns
IP17
Display interface clock
high time
Tckh
Tdicp–Tdicd+Tdicu–1.24
Tdicp–Tdicd+Tdicu
Tdicp–Tdicd+Tdicu+1.2
ns
IP18
Data setup time
Tdsu
Tdicd–1.24
Tdicu
—
ns
IP19
Data holdup time
Tdhd
Tdicp–Tdicd–1.24
Tdicp–Tdicu
—
ns
IP20o
Control signals offset
times (defines for each
pin)
Tocsu
Tocsu–1.24
Tocsu
Tocsu+1.24
ns
IP20
Control signals setup
time to display
interface clock
(defines for each pin)
Tcsu
Tdicd–1.24–Tocsu%Tdicp Tdicu
—
ns
Accuracy
T
diclk
0.62ns
±
=
IP19
IP18
IP20
VSYNC
IP17
IP16
DRDY
HSYNC
other controls
IP20o
local start point
Tdicd
Tdicu
IPP_DISP_CLK
IPP_DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com