Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM8147 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM8147
Description  TMS320DM814x DaVinci Digital Media Processors
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8147 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320DM8147 Datasheet HTML 17Page - Texas Instruments TMS320DM8147 Datasheet HTML 18Page - Texas Instruments TMS320DM8147 Datasheet HTML 19Page - Texas Instruments TMS320DM8147 Datasheet HTML 20Page - Texas Instruments TMS320DM8147 Datasheet HTML 21Page - Texas Instruments TMS320DM8147 Datasheet HTML 22Page - Texas Instruments TMS320DM8147 Datasheet HTML 23Page - Texas Instruments TMS320DM8147 Datasheet HTML 24Page - Texas Instruments TMS320DM8147 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
2.9
SGX530 Overview
The SGX530 is a vector/3D graphics accelerator for vector and 3-dimensional (3D) graphics applications.
The SGX530 graphics accelerator efficiently processes a number of various multimedia data types
concurrently:
•
Pixel data
•
Vertex data
•
Video data
This is achieved using a multi-threaded architecture using two levels of scheduling and data partitioning
enabling zero overhead task switching.
The SGX530 has the following major features:
•
Vector graphics and 3D graphics
•
Tile-based architecture
•
Universal Scalable Shader Engine (USSE
™) - multi-threaded engine incorporating pixel and vertex
shader functionality
•
Advanced shader feature set - in excess of Microsoft VS3.0, PS3.0, and OpenGL2.0
•
Industry standard API support - OpenGL ES 1.1 and 2.0, OpenVG v1.1
•
Fine-grained task switching, load balancing, and power management
•
Advanced geometry DMA driven operation for minimum CPU interaction
•
Programmable high-quality image anti-aliasing
•
POWERVR SGX core MMU for address translation from the core virtual address to the external
physical address (up to 4GB address range)
•
Fully-virtualized memory addressing for OS operation in a unified memory architecture
•
Advanced and standard 2D operations [e.g., vector graphics, block level transfers (BLTs), raster
operations (ROPs)]
For more details on the Secure State Machine (SSM), see the System MMU section of the Chip Level
Resources chapter of the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual
(Literature Number: SPRUGZ8).
2.10 Spinlock Module Overview
The Spinlock module provides hardware assistance for synchronizing the processes running on multiple
processors in the device:
•
ARM Cortex-A8 processor
•
C674x DSP
•
Media Controller
The Spinlock module implements 128 spinlocks (or hardware semaphores) that provide an efficient way to
perform a lock operation of a device resource using a single read-access, avoiding the need for a
read-modify-write bus transfer of which the programmable cores are not capable.
For more details on the Spinlock Module, see the Spinlock section of the Chip Level Resources chapter of
the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature Number:
SPRUGZ8).
Copyright
© 2011, Texas Instruments Incorporated
Device Overview
21
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com