Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM8147 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM8147
Description  TMS320DM814x DaVinci Digital Media Processors
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8147 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMS320DM8147 Datasheet HTML 65Page - Texas Instruments TMS320DM8147 Datasheet HTML 66Page - Texas Instruments TMS320DM8147 Datasheet HTML 67Page - Texas Instruments TMS320DM8147 Datasheet HTML 68Page - Texas Instruments TMS320DM8147 Datasheet HTML 69Page - Texas Instruments TMS320DM8147 Datasheet HTML 70Page - Texas Instruments TMS320DM8147 Datasheet HTML 71Page - Texas Instruments TMS320DM8147 Datasheet HTML 72Page - Texas Instruments TMS320DM8147 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
Table 3-10. GP0 Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
MCA[4], TIMER6
MCA[4]_AXR[1]/
IPD
PINCNTL54
TIM6_IO/
J4
I/O
DVDD
DSIS: PIN
GP0[24]
MM: MUX1
VOUT[1],
General-Purpose Input/Output (I/O) 0 [GP0] pin 24.
VOUT[1]_R_CR[1]/
CAMERA_I/F,
CAM_D[1]/
IPD
GPMC, UART4
GPMC_A[7]/
AC19
I/O
DVDD_C
PINCNTL170
UART4_CTS/
DSIS: PIN
GP0[24]
MM: MUX0
MCA[4]
MCA[4]_AXR[0]/
IPD
PINCNTL53
H6
I/O
GP0[23]
DVDD
DSIS: PIN
MM: MUX1
VOUT[1],
General-Purpose Input/Output (I/O) 0 [GP0] pin 23.
VOUT[1]_G_Y_YC[0]/
CAMERA_I/F,
CAM_D[2]/
IPD
GPMC, UART4
GPMC_A[6]/
AC18
I/O
DVDD_C
PINCNTL169
UART4_TXD/
DSIS: PIN
GP0[23]
MM: MUX0
MCA[4]
MCA[4]_AFSX/
IPD
PINCNTL52
H3
I/O
GP0[22]
DVDD
DSIS: PIN
MM: MUX1
VOUT[1],
General-Purpose Input/Output (I/O) 0 [GP0] pin 22.
VOUT[1]_G_Y_YC[1]/
CAMERA_I/F,
CAM_D[3]/
IPU
GPMC, UART4
GPMC_A[5]/
AD18
I/O
DVDD_C
PINCNTL168
UART4_RXD/
DSIS: PIN
GP0[22]
MM: MUX0
MCA[4]
MCA[4]_ACLKX/
IPD
PINCNTL51
K7
I/O
GP0[21]
DVDD
DSIS: PIN
MM: MUX1
General-Purpose Input/Output (I/O) 0 [GP0] pin 21.
VIN[0]B,
VIN[0]B_FLD/
CAMERA_I/F
IPU
CAM_D[4]/
AD17
I/O
PINCNTL167
DVDD_C
GP0[21]
DSIS: PIN
MM: MUX0
MCA[3], MCA[1]
MCA[3]_AXR[2]/
IPD
PINCNTL49
MCA[1]_AXR[8]/
F2
I/O
DVDD
DSIS: PIN
GP0[20]
MM: MUX1
General-Purpose Input/Output (I/O) 0 [GP0] pin 20.
VIN[0]A,
VIN[0]A_FLD/
CAMERA_I/F
IPU
CAM_D[5]/
AC22
I/O
PINCNTL166
DVDD_C
GP0[20]
DSIS: PIN
MM: MUX0
MCA[3], TIMER5
MCA[3]_AXR[1]/
IPD
PINCNTL48
TIM5_IO/
G2
I/O
DVDD
DSIS: PIN
GP0[19]
MM: MUX1
General-Purpose Input/Output (I/O) 0 [GP0] pin 19.
VIN[0]B,
VIN[0]B_DE/
CAMERA_I/F
IPU
CAM_D[6]/
AC15
I/O
PINCNTL165
DVDD_C
GP0[19]
DSIS: PIN
MM: MUX0
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
69
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com