Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM8147 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM8147
Description  TMS320DM814x DaVinci Digital Media Processors
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8147 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320DM8147 Datasheet HTML 93Page - Texas Instruments TMS320DM8147 Datasheet HTML 94Page - Texas Instruments TMS320DM8147 Datasheet HTML 95Page - Texas Instruments TMS320DM8147 Datasheet HTML 96Page - Texas Instruments TMS320DM8147 Datasheet HTML 97Page - Texas Instruments TMS320DM8147 Datasheet HTML 98Page - Texas Instruments TMS320DM8147 Datasheet HTML 99Page - Texas Instruments TMS320DM8147 Datasheet HTML 100Page - Texas Instruments TMS320DM8147 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
Table 3-18. McASP1 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
McASP1
MCA[1]
MCA[1]_ACLKR/
IPD
M1
I/O
PINCNTL33
McASP1 Receive Bit Clock I/O
MCA[1]_AXR[4]
DVDD
DSIS: 0
MCA[1]
MCA[1]_AFSR/
IPD
M2
I/O
PINCNTL34
McASP1 Receive Frame Sync I/O
MCA[1]_AXR[5]
DVDD
DSIS: 0
IPD
–
MCA[1]_ACLKX
U5
I/O
McASP1 Transmit Bit Clock I/O
DVDD
PINCNTL31
AUD_CLKIN1/
AUD_CLKIN1,
MCA[0]_AXR[8]/
MCA[0], MCA[4],
MCA[1]_AHCLKX/
IPD
EDMA, TIMER2,
MCA[4]_AHCLKX/
R5
I/O
McASP1 Transmit High-Frequency Master Clock I/O
DVDD
GP0
EDMA_EVT3/
PINCNTL15
TIM2_IO/
DSIS: PIN
GP0[8]
IPD
–
MCA[1]_AFSX
V3
I/O
McASP1 Transmit Frame Sync I/O
DVDD
PINCNTL32
MCA[3]
MCA[3]_AXR[3]/
IPD
PINCNTL50
J6
I/O
MCA[1]_AXR[9]/
DVDD
DSIS: PIN
MM: MUX1
MCA[0]
MCA[0]_AXR[5]/
IPD
PINCNTL26
M3
I/O
MCA[1]_AXR[9]
DVDD
DSIS: PIN
MM: MUX0
MCA[3], GP0
MCA[3]_AXR[2]/
IPD
PINCNTL49
MCA[1]_AXR[8]/
F2
I/O
DVDD
DSIS: PIN
GP0[20]
MM: MUX1
MCA[0]
MCA[0]_AXR[4]/
IPD
PINCNTL25
R6
I/O
MCA[1]_AXR[8]
DVDD
DSIS: PIN
MM: MUX0
MCA[2]_AXR[3]/
MCA[2], TIMER3,
MCA[1]_AXR[7]/
IPD
GP0
H2
I/O
McASP1 Transmit/Receive Data I/Os
TIM3_IO/
DVDD
PINCNTL44
GP0[15]
DSIS: PIN
MCA[2]_AXR[2]/
MCA[2], TIMER2,
MCA[1]_AXR[6]/
IPD
GP0
V5
I/O
TIM2_IO/
DVDD
PINCNTL43
GP0[14]
DSIS: PIN
MCA[1]
MCA[1]_AFSR/
IPD
M2
I/O
PINCNTL34
MCA[1]_AXR[5]
DVDD
DSIS: PIN
MCA[1]
MCA[1]_ACLKR/
IPD
M1
I/O
PINCNTL33
MCA[1]_AXR[4]
DVDD
DSIS: PIN
MCB
MCA[1]_AXR[3]/
IPD
N6
I/O
PINCNTL38
MCB_CLKR
DVDD
DSIS: PIN
MCB
MCA[1]_AXR[2]/
IPD
R3
I/O
PINCNTL37
MCB_FSR
DVDD
DSIS: PIN
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS =
De-selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see , Pullup/Pulldown Resistors and , Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
97
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com