Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM8147 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM8147
Description  TMS320DM814x DaVinci Digital Media Processors
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8147 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320DM8147 Datasheet HTML 2Page - Texas Instruments TMS320DM8147 Datasheet HTML 3Page - Texas Instruments TMS320DM8147 Datasheet HTML 4Page - Texas Instruments TMS320DM8147 Datasheet HTML 5Page - Texas Instruments TMS320DM8147 Datasheet HTML 6Page - Texas Instruments TMS320DM8147 Datasheet HTML 7Page - Texas Instruments TMS320DM8147 Datasheet HTML 8Page - Texas Instruments TMS320DM8147 Datasheet HTML 9Page - Texas Instruments TMS320DM8147 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
www.ti.com
1
High-Performance System-on-Chip (SoC)
......... 1
Module
............................................ 179
1.1
Features
.............................................. 1
7.2
Power
.............................................. 179
7.3
Reset
.............................................. 186
1.2
Applications
.......................................... 3
7.4
Clocking
........................................... 194
1.3
Description
........................................... 4
7.5
Interrupts
.......................................... 210
1.4
Functional Block Diagram
............................ 5
8
Peripheral Information and Timings
............. 217
Revision History
.............................................. 7
8.1
Parameter Information
............................ 217
2
Device Overview
....................................... 11
8.2
Recommended Clock and Control Signal Transition
2.1
Device Comparison
................................. 11
Behavior
........................................... 218
8.3
Controller Area Network Interface (DCAN)
....... 218
2.2
Device Characteristics
.............................. 11
8.4
EDMA
............................................. 220
2.3
Device Compatibility
................................ 13
8.5
Emulation Features and Capability
............... 223
2.4
ARM
® Cortex™-A8 Microprocessor Unit (MPU)
Subsystem Overview
............................... 13
8.6
Ethernet MAC Switch (EMAC SW)
................ 227
2.5
C674x
™ DSP Overview
............................ 15
8.7
General-Purpose Input/Output (GPIO)
............ 242
8.8
General-Purpose Memory Controller (GPMC) and
2.6
DSP/EDMA Memory Management Unit (MMU)
.... 19
Error Location Module (ELM)
..................... 245
2.7
Media Controller Overview
......................... 20
8.9
High-Definition Multimedia Interface (HDMI)
...... 262
2.8
HDVICP2 Overview
................................. 20
8.10
High-Definition Video Processing Subsystem
(HDVPSS)
......................................... 265
2.9
SGX530 Overview
.................................. 21
8.11
Inter-Integrated Circuit (I2C)
...................... 271
2.10
Spinlock Module Overview
......................... 21
8.12
Imaging Subsystem (ISS)
......................... 275
2.11
Mailbox Module Overview
.......................... 22
8.13
LPDDR/DDR2/DDR3 Memory Controller
......... 278
2.12
Memory Map Summary
............................. 23
8.14
Multichannel Audio Serial Port (McASP)
.......... 311
3
Device Pins
............................................. 32
8.15
Multichannel Buffered Serial Port (McBSP)
....... 319
3.1
Pin Maps
............................................ 32
8.16
MultiMedia Card/Secure Digital/Secure Digital Input
3.2
Terminal Functions
................................. 41
Output (MMC/SD/SDIO)
........................... 324
4
Device Configurations
.............................. 150
8.17
Peripheral Component Interconnect Express (PCIe)
..................................................... 327
4.1
Control Module Registers
......................... 150
8.18
Serial ATA Controller (SATA)
..................... 332
4.2
Boot Modes
....................................... 150
8.19
Serial Peripheral Interface (SPI)
.................. 336
4.3
Pin Multiplexing Control
........................... 157
8.20
Timers
............................................. 343
4.4
Handling Unused Pins
............................ 167
8.21
Universal Asynchronous Receiver/Transmitter
4.5
DeBugging Considerations
........................ 167
(UART)
............................................ 345
8.22
Universal Serial Bus (USB2.0)
.................... 347
5
System Interconnect
................................ 169
9
Device and Documentation Support
............. 355
6
Device Operating Conditions
...................... 174
9.1
Device Support
.................................... 355
6.1
Absolute Maximum Ratings
....................... 174
9.2
Documentation Support
........................... 356
6.2
Recommended Operating Conditions
............. 175
9.3
Community Resources
............................ 356
6.3
Electrical Characteristics Over Recommended
Ranges of Supply Voltage and Operating
10
Mechanical
............................................ 357
Temperature (Unless Otherwise Noted)
.......... 177
10.1
Thermal Data for CYE-04 (Top Hat)
.............. 357
7
Power, Reset, Clocking, and Interrupts
......... 179
10.2
Packaging Information
............................ 357
7.1
Power, Reset and Clock Management (PRCM)
6
Contents
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com