Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM8147 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM8147
Description  TMS320DM814x DaVinci Digital Media Processors
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8147 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320DM8147 Datasheet HTML 87Page - Texas Instruments TMS320DM8147 Datasheet HTML 88Page - Texas Instruments TMS320DM8147 Datasheet HTML 89Page - Texas Instruments TMS320DM8147 Datasheet HTML 90Page - Texas Instruments TMS320DM8147 Datasheet HTML 91Page - Texas Instruments TMS320DM8147 Datasheet HTML 92Page - Texas Instruments TMS320DM8147 Datasheet HTML 93Page - Texas Instruments TMS320DM8147 Datasheet HTML 94Page - Texas Instruments TMS320DM8147 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
3.2.9
HDMI
Table 3-15. HDMI Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
–
HDMI_CLKP
AG18
O
VDDA_HDMI_
–
HDMI Clock Output.
1P8
When the HDMI PHY is powered down, these pins
–
should be left unconnected.
HDMI_CLKN
AH18
O
VDDA_HDMI_
–
1P8
–
HDMI_DN2
AH21
O
VDDA_HDMI_
–
HDMI Data 2 output.
1P8
When the HDMI PHY is powered down, these pins
–
should be left unconnected.
HDMI_DP2
AG21
O
VDDA_HDMI_
–
1P8
–
HDMI_DN1
AH20
O
VDDA_HDMI_
–
HDMI Data 1 output.
1P8
When the HDMI PHY is powered down, these pins
–
should be left unconnected.
HDMI_DP1
AG20
O
VDDA_HDMI_
–
1P8
–
HDMI_DN0
AH19
O
VDDA_HDMI_
–
HDMI Data 0 output.
1P8
When the HDMI PHY is powered down, these pins
–
should be left unconnected.
HDMI_DP0
AG19
O
VDDA_HDMI_
–
1P8
VOUT[1]_G_Y_YC[2]/
VOUT[1], GPMC,
GPMC_A[13]/
VIN[1]ASPI[2],
VIN[1]A_D[21]/
IPU
I2C[2], GP3
HDMI_SCL/
AF27
I/O
DVDD
PINCNTL228
SPI[2]_SCS[2]/
DSIS: 1
I2C[2]_SCL/
HDMI I2C Serial Clock Output
MM: MUX1
GP3[20]
I2C[1]
I2C[1]_SCL/
PINCNTL78
AF24
I/O
DVDD
HDMI_SCL
DSIS: 1
MM: MUX0
VOUT[1]_R_CR[3]/
VOUT[1], GPMC,
GPMC_A[14]/
VIN[1]ASPI[2],
VIN[1]A_D[22]/
IPU
I2C[2], GP3
HDMI_SDA/
AG28
I/O
DVDD
PINCNTL229
SPI[2]_SCLK/
DSIS: 1
I2C[2]_SDA/
HDMI I2C Serial Data I/O
MM: MUX1
GP3[21]
I2C[1]
I2C[1]_SDA/
PINCNTL79
AG24
I/O
DVDD
HDMI_SDA
DSIS: 1
MM: MUX0
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS =
De-selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see , Pullup/Pulldown Resistors and , Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
91
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com